Moteur de recherche de fiches techniques de composants électroniques |
|
AD22151 Fiches technique(PDF) 5 Page - Analog Devices |
|
AD22151 Fiches technique(HTML) 5 Page - Analog Devices |
5 / 8 page REV. A AD22151 –5– to self-heating as a function of power dissipation. Second, pack- age stress effect alters the specific operating parameters of the gain compensation, particularly the specific crossover tempera- ture of TC1, TC3 ( ±10∞C). CONFIGURATION AND COMPONENT SELECTION There are three areas of sensor operation that require external component selection: temperature compensation (R1), signal gain (R2 and R3), and offset (R4). Temperature If the internal gain compensation is used, an external resistor is required to complete the gain TC circuit at Pin 3. A number of factors contribute to the value of this resistor: a. The intrinsic Hall cell sensitivity TC 950 ppm. b. Package induced stress variation in a. ±150 ppm. c. Specific field TC –200 ppm (Alnico), –2000 ppm (Ferrite), 0 ppm (electromagnet), and so on. d. R1, TC. The final value of target compensation also dictates the use of either Pin 1 or Pin 2. Pin 1 is provided to allow for large nega- tive field TC devices such as ferrite magnets; thus, R1 would be connected to Pins 1 and 3. Pin 2 uses an internal resistive TC to optimize smaller field coefficients such as Alnico down to 0 ppm coefficients when only the sensor gain TC itself is dominant. Because the TC of R1 itself will also affect the compensation, a low TC resistor ( ±50 ppm) is recommended. Figures 10 and 11 indicate R1 resistor values and their associ- ated effectiveness for Pins 1 and 2, respectively. Note that the indicated drift response in both cases incorporates the intrinsic Hall sensitivity TC (BTCU). For example, the AD22151 sensor is to be used in conjunction with an Alnico material permanent magnet. The TC of such mag- nets is –200 ppm (see Figures 5 and 6). Figure 11 indicates that a compensating drift of 200 ppm at Pin 3 requires a nomi- nal value of R1 = 18 k W (assuming negligible drift of R1 itself). R1 – k 3500 3000 1000 2500 1500 2000 05 10 20 25 500 0 15 30 Figure 10. Drift Compensation (Pins 1 and 3) vs. Typical Resistor Value R1 R1 – k 800 600 –200 400 0 200 05 10 20 25 –400 –600 15 30 35 40 45 50 Figure 11. Drift Compensation (Pins 2 and 3) vs. Typical Resistor Value R1 GAIN AND OFFSET The operation of the AD22151 can be bipolar (i.e., 0 Gauss = VCC/2), or a ratiometric offset can be implemented to position Zero Gauss point at some other potential (i.e., 0.25 V). The gain of the sensor can be set by the appropriate R2 and R3 resistor values (see Figure 1) such that: Gin R R mV G a =+ ¥ 1 3 2 04 ./ (1) However, if an offset is required to position the quiescent out- put at some other voltage, the gain relationship is modified to: Gin R RR mV G a =+ () ¥ 1 3 24 04 ./ (2) The offset that R4 introduces is: Offset R RR VV CC OUT =+ + () ¥() 1 3 24 – (3) For example, at VCC = 5 V at room temperature, the internal gain of the sensor is approximately 0.4 mV/Gauss. If a sensitivity of 6 mV/Gauss is required with a quiescent output voltage of 1 V, the calculations below apply (see Figure 2). A value would be selected for R3 that complied with the various considerations of current and power dissipation, trim ranges (if applicable), and so on. For the purpose of example, assume a value of 85 k W. To achieve a quiescent offset of 1 V requires a value for R4 as: V V CC CC 2 1 0 375 Ê ËÁ ˆ ¯˜ = – . (4) Thus: R k kk 4 85 0 375 85 141 666 = ÊËÁ ˆ ¯˜ = W WW . –. (5) The gain required would be 6/0.4 (mV/Gauss) = 15. |
Numéro de pièce similaire - AD22151_15 |
|
Description similaire - AD22151_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |