Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD22050 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD22050
Description  Single-Supply Sensor Interface Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD22050 Fiches technique(HTML) 3 Page - Analog Devices

  AD22050_15 Datasheet HTML 1Page - Analog Devices AD22050_15 Datasheet HTML 2Page - Analog Devices AD22050_15 Datasheet HTML 3Page - Analog Devices AD22050_15 Datasheet HTML 4Page - Analog Devices AD22050_15 Datasheet HTML 5Page - Analog Devices AD22050_15 Datasheet HTML 6Page - Analog Devices AD22050_15 Datasheet HTML 7Page - Analog Devices AD22050_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD22050
–3–
REV. C
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . +3.0 V to +36 V
Peak Input Voltage (40 ms) . . . . . . . . . . . . . . . . . . . . . . +60 V
VOFS (Pin 7 to Pin 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +20 V
Reversed Supply Voltage Protection . . . . . . . . . . . . . . . –34 V
Operating Temperature . . . . . . . . . . . . . . . . –40
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; the functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATIONS
Plastic Mini-DIP Package
(N-8)
Plastic SOIC Package
(SO-8)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD22050 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PRODUCT DESCRIPTION
The AD22050 is a single-supply difference amplifier consisting
of a precision balanced attenuator, a very low drift preamplifier
and an output buffer amplifier (A1 and A2, respectively, in
Figure 2). It has been designed so that small differential sig-
nals (VDM in Figure 3) can be accurately amplified and filtered
in the presence of large common-mode voltages (VCM) without
the use of any other active components.
AD22050
OUT
GND
IN+
IN–
+VS OFS A1
A2
A1
A2
Figure 2. Simplified Schematic
The resistive attenuator network is situated at the input to the
AD22050 (Pins 1 and 8), allowing the common-mode voltage at
Pins 1 and 8 to be six times greater than that which can be toler-
ated by the actual input to A1. As a result, the input common-
mode range extends to 6
× (V
S – 1 V).
Two small filter capacitors (not shown in Figure 2) have been
included at the inputs of A1 to minimize the effects of any spuri-
ous RF signals present in the signal.
Internal feedback around A1 sets the closed-loop gain of the
preamplifier to
×10 from the input pins; the output of A1 is
connected to Pin 3 via a 100 k
Ω resistor, which is trimmed to
±3% (R12 in Figure 2) to facilitate the low-pass filtering of the
signal of interest (see Low-Pass Filtering section). The inclusion
of an additional resistive network allows the output of A1 to be
offset to an optional voltage of one half of that supplied to Pin 7;
in many cases this offset would be +VS/2 by tying Pin 7 to +VS
(Pin 6), permitting the conditioning and processing of bipolar
signals (see Strain Gage Interface section).
The output buffer A2 has a gain of
×2, setting the precalibrated,
overall gain of the AD22050, with no external components, to
×20. (This gain is easily user-configurable—see Altering the
Gain section for details.)
The dynamic properties of the AD22050 are optimized for
interfacing to transducers; in particular, current sensing shunt
resistors. Its rejection of large, high frequency, common-mode
signals makes it superior to that of many alternative approaches.
This is due to the very careful design of the input attenuator and
the close integration of this highly balanced, high impedance
system with the preamplifier.
APPLICATIONS
The AD22050 can be used wherever a high gain, single-supply
differencing amplifier is required, and where a finite input resis-
tance (240 k
Ω to ground, 400 kΩ between differential inputs)
can be tolerated. In particular, the ability to handle a common-
mode input considerably larger than the supply voltage is fre-
quently of value.
Also, the output can run down to within 20 mV of ground,
provided it is not called on to sink any load current. Finally, the
output can be offset to half of a full-scale reference voltage (with
a tolerance of
±2%) to allow a bipolar input signal.
ALTERING THE GAIN
The gain of the preamplifier, from the attenuator input (Pins 1
and 8) to its output at Pin 3, is
×10 and that of the output
buffer, from Pin 4 to Pin 5, is
×2, thus making the overall de-
fault gain
×20. The overall gain is accurately trimmed (to within
±0.5%). In some cases, it may be desirable to provide for some
variation in the gain; for example, in absorbing the scaling error
of a transducer.
Figure 3 shows a general method for trimming the gain, either
upward or downward, by an amount dependent on the resistor,
R. The gain range, expressed as a percentage of the overall gain,
WARNING!
ESD SENSITIVE DEVICE
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
–IN
GND
A1
+IN
OFFSET
+VS
OUT
A2
AD22050
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
–IN
GND
A1
A2
+IN
OFFSET
+VS
OUT
AD22050


Numéro de pièce similaire - AD22050_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD22050N AD-AD22050N Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050N AD-AD22050N Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22050R AD-AD22050R Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050R AD-AD22050R Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22050R-REEL AD-AD22050R-REEL Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
More results

Description similaire - AD22050_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD22057 AD-AD22057_17 Datasheet
166Kb / 9P
   Single-Supply Sensor Interface Amplifier
AD22050RZ AD-AD22050RZ Datasheet
152Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. C
AD22057RZ AD-AD22057RZ Datasheet
118Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22050 AD-AD22050 Datasheet
148Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057_15 Datasheet
196Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
AD22057 AD-AD22057 Datasheet
192Kb / 8P
   Single-Supply Sensor Interface Amplifier
REV. A
logo
Texas Instruments
PGA308 TI-PGA308 Datasheet
638Kb / 24P
[Old version datasheet]   Single-Supply, Auto-Zero Sensor Amplifier
logo
National Semiconductor ...
LM1964 NSC-LM1964 Datasheet
232Kb / 4P
   SENSOR INTERFACE AMPLIFIER
logo
Texas Instruments
LM9044 TI-LM9044_15 Datasheet
320Kb / 14P
[Old version datasheet]   Lambda Sensor Interface Amplifier
logo
National Semiconductor ...
LM9044 NSC-LM9044 Datasheet
125Kb / 6P
   LM9044 Lambda Sensor Interface Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com