Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD10678 Fiches technique(PDF) 19 Page - Analog Devices

No de pièce AD10678
Description  16-Bit, 80 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD10678 Fiches technique(HTML) 19 Page - Analog Devices

Back Button AD10678_15 Datasheet HTML 12Page - Analog Devices AD10678_15 Datasheet HTML 13Page - Analog Devices AD10678_15 Datasheet HTML 14Page - Analog Devices AD10678_15 Datasheet HTML 15Page - Analog Devices AD10678_15 Datasheet HTML 16Page - Analog Devices AD10678_15 Datasheet HTML 17Page - Analog Devices AD10678_15 Datasheet HTML 18Page - Analog Devices AD10678_15 Datasheet HTML 19Page - Analog Devices AD10678_15 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Preliminary Technical Data
AD10678
Rev. C | Page 19 of 20
OUTLINE DIMENSIONS
2.220
2.170
2.120
C21
C1
R41
P3
a
Top View
2.795
2.745
2.695
C15
MP3
MP4
MP5
MP6
U2
0.170
0.120
0.070
0.370
0.320
0.270
0.314
0.264
0.214
AD10678BWS
LOT NUMBER
DATA CODE
USA
C50
C54
C53
C23
T1
C11
R37
C5
C18
R5
C6
R11
U8
U7
R25
C9
C7
R10
C14 C52 C51
C67
C59
C25
C26
U1
R38
R13
R14
U3
C49
C39
C40
C17
C58
C57
R27
C43
C41
C45
C44
C35
C28
C24
C60
C61
R19
R18
U6
U4
U5
R2
R29
R34
R21
R28
C42
R26
C48 R6
C47
C30
P1
P2
R35
Figure 29. AD10678 Outline Dimensions
Dimensions shown in inches
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD10678BWS
0°C to 70°C
Non-Herm Hybrid Surface Mount (2.2" × 2.8")
WS-120
AD10678/PCB
Evaluation Board


Numéro de pièce similaire - AD10678_15

FabricantNo de pièceFiches techniqueDescription
Analog Devices
Analog Devices
AD10678/PCB AD-AD10678/PCB Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
AD10678BWS AD-AD10678BWS Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
AD10678PCB AD-AD10678PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Description similaire - AD10678_15

FabricantNo de pièceFiches techniqueDescription
Analog Devices
Analog Devices
AD10678 AD-AD10678 Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
List of Unclassifed Manufacturers
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
Analog Devices
Analog Devices
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz