Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD10678 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD10678
Description  16-Bit, 80 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD10678 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD10678_15 Datasheet HTML 4Page - Analog Devices AD10678_15 Datasheet HTML 5Page - Analog Devices AD10678_15 Datasheet HTML 6Page - Analog Devices AD10678_15 Datasheet HTML 7Page - Analog Devices AD10678_15 Datasheet HTML 8Page - Analog Devices AD10678_15 Datasheet HTML 9Page - Analog Devices AD10678_15 Datasheet HTML 10Page - Analog Devices AD10678_15 Datasheet HTML 11Page - Analog Devices AD10678_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD10678
Rev. C | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD10678
TOP VIEW
(Not to Scale)
NC = NO CONNECT
DGND
1
DGND
2
DOUT15 3
NC
4
DOUT14 5
DGND
6
DOUT13 7
NC
8
DOUT12 9
DGND
10
DOUT11 11
NC
12
DOUT10 13
DGND
14
DOUT9 15
NC
16
DOUT8 17
DGND
18
DGND 19
DRY
20
Figure 7. Pin Configuration P1
(See Figure 22)
AD10678
TOP VIEW
(Not to Scale)
DGND
1
DGND
2
+3.3VD
3
DOUT0
4
+3.3VD
5
DOUT1
6
+3.3VD
7
DOUT2
8
DGND
9
DOUT3
10
DGND 11
DOUT4
12
DGND 13
DOUT5
14
DGND 15
DOUT6
16
+3.3VD 17
DOUT7
18
+3.3VD 19
DGND
20
Figure 8. Pin Configuration P2
(See Figure 22)
AD10678
TOP VIEW
(Not to Scale)
+3.3VE
1
+5.0VA
2
+3.3VE
3
+5.0VA
4
AGND
5
+5.0VA
6
AGND
7
+5.0VA
8
AGND
9
AGND
10
AGND 11
AIN
12
AGND 13
AIN
14
ENCODE 15
AGND
16
ENCODE 17
AGND
18
AGND 19
AGND
20
Figure 9. Pin Configuration P3
(See Figure 22)
Table 7. Pin Function Descriptions
P1 Pin No.1
P2 Pin No.2
P3 Pin No.3
Mnemonic
Description
1, 2, 6, 10, 14, 18, 19
1, 2, 9, 11, 13, 15, 20
N/A
DGND
Digital Ground.
3, 5, 7, 9, 11, 13, 15, 17
4, 6, 8, 10, 12, 14, 16, 18
N/A
DOUTx
Data Bit Output.
N/A
3, 5, 7, 17, 19
N/A
+3.3 VD
Digital Voltage (VDD).
4, 8, 12, 16
N/A
N/A
NC
No Connection.
20
N/A
N/A
DRY
Data Ready Output.
N/A
N/A
1, 3
+3.3 VE
Encode Voltage (EVCC).
N/A
N/A
2, 4, 6, 8
+5.0 VA
Analog Voltage (AVCC).
N/A
N/A
5, 7, 9 to 11, 13, 16, 18 to 20
AGND
Analog Ground.
N/A
N/A
12
AIN
Analog Input.
N/A
N/A
14
AIN
Analog Input (Complement).
N/A
N/A
15
ENCODE
Encode Input.
N/A
N/A
17
ENCODE
Encode Input (Complement).
1 Equivalent pin configuration in Figure 22 is J12.
2 Equivalent pin configuration in Figure 22 is J11.
3 Equivalent pin configuration in Figure 22 is J13.


Numéro de pièce similaire - AD10678_15

FabricantNo de pièceFiches techniqueDescription
Analog Devices
Analog Devices
AD10678/PCB AD-AD10678/PCB Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
AD10678BWS AD-AD10678BWS Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
AD10678PCB AD-AD10678PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Description similaire - AD10678_15

FabricantNo de pièceFiches techniqueDescription
Analog Devices
Analog Devices
AD10678 AD-AD10678 Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
List of Unclassifed Manufacturers
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
Analog Devices
Analog Devices
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz