Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9956 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD9956
Description  2.7 GHz DDS-Based AgileRF Synthesizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9956 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD9956_15 Datasheet HTML 6Page - Analog Devices AD9956_15 Datasheet HTML 7Page - Analog Devices AD9956_15 Datasheet HTML 8Page - Analog Devices AD9956_15 Datasheet HTML 9Page - Analog Devices AD9956_15 Datasheet HTML 10Page - Analog Devices AD9956_15 Datasheet HTML 11Page - Analog Devices AD9956_15 Datasheet HTML 12Page - Analog Devices AD9956_15 Datasheet HTML 13Page - Analog Devices AD9956_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9956
Rev. A | Page 10 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Analog Supply Voltage (AVDD)
2 V
Digital Supply Voltage (DVDD)
2 V
Digital I/O Supply Voltage
(DVDD_I/0)
3.6 V
Charge Pump Supply Voltage
(CPVDD)
3.6 V
Maximum Digital Input Voltage
−0.5 V to DVDD_I/O + 0.5 V
Storage Temperature
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature Range
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Thermal Resistance (θJA)
26°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy elec-
trostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation
or loss of functionality.


Numéro de pièce similaire - AD9956_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9956-VCO/PCB AD-AD9956-VCO/PCB Datasheet
582Kb / 12P
   Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9956/PCB AD-AD9956/PCB Datasheet
805Kb / 32P
   2.7 GHz DDS-Based AgileRF
REV. 0
AD9956/PCB AD-AD9956/PCB Datasheet
582Kb / 12P
   Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9956YCPZ-REEL1 AD-AD9956YCPZ-REEL1 Datasheet
805Kb / 32P
   2.7 GHz DDS-Based AgileRF
REV. 0
AD9956YCPZ1 AD-AD9956YCPZ1 Datasheet
805Kb / 32P
   2.7 GHz DDS-Based AgileRF
REV. 0
More results

Description similaire - AD9956_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9956 AD-AD9956 Datasheet
805Kb / 32P
   2.7 GHz DDS-Based AgileRF
REV. 0
AD9956 AD-AD9956_V01 Datasheet
582Kb / 12P
   Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851 AD-AD9851_15 Datasheet
749Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9851 AD-AD9851 Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com