Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9974 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD9974
Description  Dual-Channel, 14-Bit, CCD Signal
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9974 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD9974_15 Datasheet HTML 6Page - Analog Devices AD9974_15 Datasheet HTML 7Page - Analog Devices AD9974_15 Datasheet HTML 8Page - Analog Devices AD9974_15 Datasheet HTML 9Page - Analog Devices AD9974_15 Datasheet HTML 10Page - Analog Devices AD9974_15 Datasheet HTML 11Page - Analog Devices AD9974_15 Datasheet HTML 12Page - Analog Devices AD9974_15 Datasheet HTML 13Page - Analog Devices AD9974_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD9974
Rev. A | Page 10 of 52
Ball Location
Mnemonic
Type1
Description
D10
H3_B
DO
CCD Horizontal Clock 3 for Channel B.
D9
H4_B
DO
CCD Horizontal Clock 4 for Channel B.
B10
RG_B
DO
CCD Reset Gate Clock for Channel B.
J8
DRVSS_B
P
Digital Driver Ground for Channel B.
K9
DRVDD_B
P
Digital Driver Supply for Channel B: 1.8 V or 3.0 V.
E9
HVSS_B
P
H1_B to H4_B Driver Ground for Channel B.
E10
HVDD_B
P
H1_B to H4_B Driver Supply for Channel B: 3.0 V.
C9
RGVSS_B
P
RG_B Driver Ground for Channel B.
C10
RGVDD_B
P
RG_B Driver Supply for Channel B: 3.0 V.
B9
IOVDD_B
P
Digital I/O Supply: 1.8 V or 3.0 V (HD, VD, SL, SCK, SDATA) and LDO Input (3.0 V Only)
When LDO Is Used.
A10
LDO_OUT_B
P
1.8 V LDO Output from Channel B.
B7
AVSS_B
P
Analog Ground for Channel B.
A8
AVDD_B
P
Analog Supply for Channel B: 1.8 V.
F8
DVSS_B
P
Digital Ground for Channel B.
F7
DVDD_B
P
Digital Supply for Channel B: 1.8 V.
E8
VD_B
DI
Vertical Sync Pulse for Channel B.
E7
HD_B
DI
Horizontal Sync Pulse for Channel B.
A3
AVDD_A
P
Analog Supply for Channel A: 1.8 V.
G1
D0_A
DO
Data Outputs Channel A.
H1
D1_A
DO
Data Outputs Channel A.
J1
D2_A
DO
Data Outputs Channel A.
K1
D3_A
DO
Data Outputs Channel A.
G2
D4_A
DO
Data Outputs Channel A.
H2
D5_A
DO
Data Outputs Channel A.
K2
D6_A
DO
Data Outputs Channel A.
G3
D7_A
DO
Data Outputs Channel A.
H3
D8_A
DO
Data Outputs Channel A.
J3
D9_A
DO
Data Outputs Channel A.
K4
D10_A
DO
Data Outputs Channel A.
J4
D11_A
DO
Data Outputs Channel A.
H4
D12_A
DO
Data Outputs Channel A.
G4
D13_A
DO
Data Outputs Channel A.
B5, C5, D5, E5, F5, G5, H5,
J5, K5, B6, C6, D6, E6, F6,
G6, H6, J6, K6
GND
P
Ground Connection.
A9
CLI_B
DI
Master Clock Input for Channel B.
G7
D0_B
DO
Data Outputs Channel B.
H7
D1_B
DO
Data Outputs Channel B.
J7
D2_B
DO
Data Outputs Channel B.
K7
D3_B
DO
Data Outputs Channel B.
G8
D4_B
DO
Data Outputs Channel B.
H8
D5_B
DO
Data Outputs Channel B.
K8
D6_B
DO
Data Outputs Channel B.
G9
D7_B
DO
Data Outputs Channel B.
H9
D8_B
DO
Data Outputs Channel B.
J9
D9_B
DO
Data Outputs Channel B.
K10
D10_B
DO
Data Outputs Channel B.
J10
D11_B
DO
Data Outputs Channel B.
H10
D12_B
DO
Data Outputs Channel B.
G10
D13_B
DO
Data Outputs Channel B.
1 AI = analog input, AO = analog output, DI = digital input, DO = digital output, P = power.


Numéro de pièce similaire - AD9974_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9974BBCZRL AD-AD9974BBCZRL Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
More results

Description similaire - AD9974_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9973 AD-AD9973_15 Datasheet
80Kb / 2P
   Dual-Channel, 14-Bit CCD Signal
Rev. SpA
AD9978 AD-AD9978_15 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal
Rev. SpB
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9973 AD-AD9973 Datasheet
68Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Rev. SpA
AD9978 AD-AD9978 Datasheet
71Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9974 AD-AD9974 Datasheet
73Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
Rev. Sp0
AD9990 AD-AD9990_15 Datasheet
62Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor and Precision Timing Core
Rev. SpB
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9942 AD-AD9942 Datasheet
653Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com