Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9937 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD9937
Description  CCD Signal Processor with Precision Timing Generator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9937 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD9937_15 Datasheet HTML 6Page - Analog Devices AD9937_15 Datasheet HTML 7Page - Analog Devices AD9937_15 Datasheet HTML 8Page - Analog Devices AD9937_15 Datasheet HTML 9Page - Analog Devices AD9937_15 Datasheet HTML 10Page - Analog Devices AD9937_15 Datasheet HTML 11Page - Analog Devices AD9937_15 Datasheet HTML 12Page - Analog Devices AD9937_15 Datasheet HTML 13Page - Analog Devices AD9937_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
REV. 0
–10–
AD9937
Table II. VTP Sequence System Register Map (Addr 0x14)
Bit
Bit
Register
Addr
Breakdown
Width
Default
Name
Function
VTP_Reg(0)
(11:0)
12
ENDADDRESS
Sub Word End Address
(23:12)
12
STARTADDRESS
Sub Word Start Address
(31:24)
8
VTP_Reg_Addr
System Register Address 0x14
VTP_Reg(1)
(8:0)
9
279
VTPLEN_0
VTP0: Length between Repetitions
(17:9)
9
75
V1TOG1_0
VTP0: V1 Toggle Position 1
(26:18)
9
250
V1TOG2_0
VTP0: V1 Toggle Position 2
27
1
1
V1POL_0
VTP0: V1 Start Polarity
28
1
0
V2POL_0
VTP0: V2 Start Polarity
29
1
0
V3POL_0
VTP0: V3 Start Polarity
30
1
1
V4POL_0
VTP0: V4 Start Polarity
31
1
Unused
VTP_Reg(2)
(8:0)
9
40
V2TOG1_0
VTP0: V2 Toggle Position 1
(17:9)
9
145
V2TOG2_0
VTP0: V2 Toggle Position 2
(26:18)
9
110
V3TOG1_0
VTP0: V3 Toggle Position 1
(31:27)
5
Unused
VTP_Reg(3)
(8:0)
9
215
V3TOG2_0
VTP0: V3 Toggle Position 2
(17:9)
9
5
V4TOG1_0
VTP0: V4 Toggle Position 1
(26:18)
9
180
V4TOG2_0
VTP0: V4 Toggle Position 2
(31:27)
5
Unused
VTP_Reg(4)
(8:0)
9
99
VTPLEN_1
VTP1: Length between Repetitions
(17:9)
9
29
V1TOG1_1
VTP1: V1 Toggle Position 1
(26:18)
9
99
V1TOG2_1
VTP1: V1 Toggle Position 2
27
1
1
V1POL_1
VTP1: V1 Start Polarity
28
1
0
V2POL_1
VTP1: V2 Start Polarity
29
1
0
V3POL_1
VTP1: V3 Start Polarity
30
1
1
V4POL_1
VTP1: V4 Start Polarity
31
1
Unused
VTP_Reg(5)
(8:0)
9
15
V2TOG1_1
VTP1: V2 Toggle Position 1
(17:9)
9
57
V2TOG2_1
VTP1: V2 Toggle Position 2
(26:18)
9
43
V3TOG1_1
VTP1: V3 Toggle Position 1
(31:27)
5
Unused
Table I. Control Register Map (continued)
Bit
Bit
Register
Addr
Breakdown Width
Default
Name
Function
80
10
MODE
Mode Control Bit. (0 = Mode A, 1 = Mode B)
(23:1)
23
Unused
90
11
SPEN
Single Pulse (SP) Output Enable.
(4:1)
4
0x9
SPLOGIC
Single Pulse Logic Setting (0 = OR, 1 = AND).
(23:5)
19
Unused
10
0
1
1
OFDEN
OFD Output Enable Control (0 = Disable, 1 = Enable).
(11:1)
11
0x7FF
OFDNUM
Total Number of OFD Pulses per Field.
12
1
1
TGEN
TG Output Enable Control (0 = Disable, 1 = Enable).
(23:13)
11
Unused
11
(11:0)
12
4095
OFDHPTOG1
High Precision OFD Toggle Position 1.
(23:12)
12
4095
OFDHPTOG2
High Precision OFD Toggle Position 2.
12
(9:0)
10
0x000
VGAGAIN
VGA Gain Control.
(23:10)
14
Unused
Denotes VD synchronous registers (control addresses 8, 9, 10, 11, and 12).


Numéro de pièce similaire - AD9937_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9937KCP AD-AD9937KCP Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937KCPRL AD-AD9937KCPRL Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
More results

Description similaire - AD9937_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com