Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9911 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD9911
Description  500 MSPS Direct Digital Synthesizer with 10-Bit DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9911 Fiches technique(HTML) 4 Page - Analog Devices

  AD9911_15 Datasheet HTML 1Page - Analog Devices AD9911_15 Datasheet HTML 2Page - Analog Devices AD9911_15 Datasheet HTML 3Page - Analog Devices AD9911_15 Datasheet HTML 4Page - Analog Devices AD9911_15 Datasheet HTML 5Page - Analog Devices AD9911_15 Datasheet HTML 6Page - Analog Devices AD9911_15 Datasheet HTML 7Page - Analog Devices AD9911_15 Datasheet HTML 8Page - Analog Devices AD9911_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9911
Rev. 0 | Page 4 of 44
SPECIFICATIONS
AVDD and DVDD = 1.8 V ± 5%; DVDD_I/O = 3.3 V ± 5%; RSET = 1.91 kΩ; external reference clock frequency = 500 MSPS (REF_CLK
multiplier bypassed), unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REF CLOCK INPUT CHARACTERISTICS
Frequency Range
REF_CLK Multiplier Bypassed
1
500
MHz
REF_CLK Multiplier Enabled
10
125
MHz
Internal VCO Output Frequency Range
VCO Gain Bit Set1
255
500
MHz
Internal VCO Output Frequency Range
VCO Gain Bit Cleared
100
160
MHz
Crystal REF_CLK Source Range
20
30
MHz
Input Power Sensitivity
−5
+3
dBm
Measured at the pin (single-ended)
Input Voltage Bias Level
1.15
V
Input Capacitance
2
pF
Input Impedance
1500
Ω
Duty Cycle with REF_CLK Multiplier Bypassed
45
55
%
Duty Cycle with REF_CLK Multiplier Enabled
35
65
%
CLK Mode Select (Pin 24) Logic 1 V
1.25
1.8
V
1.8 V digital input logic
CLK Mode Select (Pin 24) Logic 0 V
0.5
V
1.8 V digital input logic
DAC OUTPUT CHARACTERISTICS
Must be referenced to AVDD
Full-Scale Output Current
10
mA
10 mA is set by RSET = 1.91 kΩ
Gain Error
−10
+10
%FS
Output Current Offset
1
25
μA
Differential Nonlinearity
±0.5
LSB
Integral Nonlinearity
±1.0
LSB
Output Capacitance
3
pF
Voltage Compliance Range
AVDD –
0.50
AVDD +
0.50
V
WIDEBAND SFDR
The frequency range for wideband SFDR is
defined as dc to Nyquist
1 MHz to 20 MHz Analog Output
−65
dBc
20 MHz to 60 MHz Analog Output
−62
dBc
60 MHz to 100 MHz Analog Output
−59
dBc
100 MHz to 150 MHz Analog Output
−56
dBc
150 t MHz to 200 MHz Analog Output
−53
dBc
WIDEBAND SFDR Improvement
Spur Reduction Enabled
Programs devices on an individual basis to
enable spur reduction. See the
SpurKiller/Multitone Mode section.
60 MHz to 100 MHz Analog Output
8
dBc
100 MHz to 150 MHz Analog Output
15
dBc
150 MHz to 200 MHz Analog Output
12
dBc


Numéro de pièce similaire - AD9911_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9911 AD-AD9911_16 Datasheet
879Kb / 41P
   500 MSPS Direct Digital Synthesizer 10-Bit DAC
More results

Description similaire - AD9911_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9911 AD-AD9911 Datasheet
943Kb / 44P
   500 MSPS Direct Digital Synthesizer with 10-Bit DAC
REV. 0
AD9911 AD-AD9911_16 Datasheet
879Kb / 41P
   500 MSPS Direct Digital Synthesizer 10-Bit DAC
AD9913 AD-AD9913 Datasheet
690Kb / 32P
   Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
REV. 0
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Analog Devices
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
898Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914S AD-AD9914S Datasheet
1Mb / 17P
   3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com