Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9877 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9877
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9877 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9877_15 Datasheet HTML 7Page - Analog Devices AD9877_15 Datasheet HTML 8Page - Analog Devices AD9877_15 Datasheet HTML 9Page - Analog Devices AD9877_15 Datasheet HTML 10Page - Analog Devices AD9877_15 Datasheet HTML 11Page - Analog Devices AD9877_15 Datasheet HTML 12Page - Analog Devices AD9877_15 Datasheet HTML 13Page - Analog Devices AD9877_15 Datasheet HTML 14Page - Analog Devices AD9877_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD9877
Rev. B | Page 11 of 36
FREQUENCY (MHz)
0
110
30
50
60
70
0
–20
–30
–50
–60
–70
–90
20
40
90
80
–80
–40
–10
10
100
Figure 9. Single Sideband @ 5 MHz, RBW = 2 kHz, fC = 6 MHz,
f = 1 MHz, RSET = 4.02 KΩ, DAC gain = 7.5 dB
FREQUENCY (MHz)
62.5
67.5
64.0
65.0
65.5
0
–20
–30
–50
–60
–70
–90
63.5
64.5
66.5
66.0
–80
–40
–10
63.0
67.0
Figure 10. Single Sideband @ 65 MHz, RBW = 500 Hz, fC = 66 MHz,
f = 1 MHz, RSET = 4.02 KΩ, DAC gain = 7.5 dB
fIN (MHz)
59
55
70
60
50
45
40
15
45
75
55
65
25
35
65
85
105
5
PLL
fOSCIN
Figure 11. 12-Bit ADC SNR vs. Input Frequency
fIN (MHz)
59
55
90
80
70
65
60
15
45
75
75
85
25
35
65
85
105
5
fOSCIN
PLL
Figure 12. 12-Bit ADC SFDR vs. Input Frequency
fIN (MHz)
59
55
11.0
9.0
7.5
7.0
6.0
15
45
75
8.5
10.0
25
35
65
85
105
PLL
10.5
9.5
6.5
8.0
5
fOSCIN
Figure 13. 12-Bit ADC ENOBs vs. Input Frequency
fIN (MHz)
59
55
60
70
80
85
90
15
45
75
75
65
25
35
65
85
105
5
fOSCIN
PLL
Figure 14. 12-Bit ADC THD vs. Input Frequency


Numéro de pièce similaire - AD9877_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9877 AD-AD9877_17 Datasheet
491Kb / 37P
   Set-Top Box, Cable Modem
More results

Description similaire - AD9877_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879 AD-AD9879 Datasheet
364Kb / 24P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. 0
AD9877 AD-AD9877 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9873 AD-AD9873 Datasheet
935Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com