Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HFA1150 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce HFA1150
Description  700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1150 Fiches technique(HTML) 2 Page - Intersil Corporation

  HFA1150 Datasheet HTML 1Page - Intersil Corporation HFA1150 Datasheet HTML 2Page - Intersil Corporation HFA1150 Datasheet HTML 3Page - Intersil Corporation HFA1150 Datasheet HTML 4Page - Intersil Corporation HFA1150 Datasheet HTML 5Page - Intersil Corporation HFA1150 Datasheet HTML 6Page - Intersil Corporation HFA1150 Datasheet HTML 7Page - Intersil Corporation HFA1150 Datasheet HTML 8Page - Intersil Corporation HFA1150 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Absolute Maximum Ratings TA = 25oC
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Output Current (50% Duty Cycle) . . . . . . . . . . . . . . . . . . . . . . 60mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . 600V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . .
175
SOT-23 Package . . . . . . . . . . . . . . . . .
225
Moisture Sensitivity (see Technical Brief TB363)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
Maximum Junction Temperature (Plastic Package) . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±5V, AV = 1, RF = 510Ω, RL = 100Ω, Unless Otherwise Specified
PARAMETER
TEST
CONDITIONS
(NOTE 2)
TEST
LEVEL
TEMP.
(oC)
HFA1150IB (SOIC)
HFA1150IH (SOT-23)
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Input Offset Voltage (Note 3)
A
25
-
2
6
-
2
6
mV
A
Full
-
-
10
-
-
10
mV
Input Offset Voltage Drift
C
Full
-
10
-
-
10
-
µV/oC
VIO CMRR
∆VCM = ±2V
A
25
40
46
-
40
46
-
dB
A
Full
38
-
-
38
-
-
dB
VIO PSRR
∆VS = ±1.25V
A
25
45
50
-
45
50
-
dB
A
Full
42
-
-
42
-
-
dB
Non-Inverting Input Bias Current
(Note 3)
+IN = 0V
A
25
-
25
40
-
25
40
µA
A
Full
-
-
65
-
-
65
µA
+IBIAS Drift
C
Full
-
40
-
-
40
-
nA/oC
+IBIAS CMS
∆VCM = ±2V
A
25
-
20
40
-
20
40
µA/V
A
Full
-
-
50
-
-
50
µA/V
Inverting Input Bias Current (Note 3)
-IN = 0V
A
25
-
12
50
-
12
50
µA
A
Full
-
-
60
-
-
60
µA
-IBIAS Drift
C
Full
-
40
-
-
40
-
nA/oC
-IBIAS CMS
∆VCM = ±2V
A
25
-
1
7
-
1
7
µA/V
A
Full
-
-
10
-
-
10
µA/V
-IBIAS PSS
∆VS = ±1.25V
A
25
-
6
15
-
6
15
µA/V
A
Full
-
-
27
-
-
27
µA/V
Non-Inverting Input Resistance
A
25
25
50
-
25
50
-
k
Inverting Input Resistance
C
25
-
25
-
-
25
-
Input Capacitance (Either Input)
B
25
-
2
-
-
2
-
pF
Input Common Mode Range
C
Full
±2.5
±3.0
-
±2.5
±3.0
-
V
Input Noise Voltage (Note 3)
100kHz
B
25
-
4.7
-
-
4.7
-
nV/
√Hz
+Input Noise Current (Note 3)
100kHz
B
25
-
20
-
-
20
-
pA/
√Hz
-Input Noise Current (Note 3)
100kHz
B
25
-
40
-
-
40
-
pA/
√Hz
TRANSFER CHARACTERISTICS
Open Loop Transimpedance Gain (Note 3)
B
25
-
450
-
-
450
-
k
Minimum Stable Gain
A
Full
1
-
-
1
-
-
V/V
HFA1150


Numéro de pièce similaire - HFA1150

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150IB INTERSIL-HFA1150IB Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150IB RENESAS-HFA1150IB Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150IB96 INTERSIL-HFA1150IB96 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
More results

Description similaire - HFA1150

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1155 INTERSIL-HFA1155 Datasheet
244Kb / 13P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
HFA1155 INTERSIL-HFA1155_04 Datasheet
253Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1155 RENESAS-HFA1155 Datasheet
515Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com