Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HFA1150 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce HFA1150
Description  700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1150 Fiches technique(HTML) 1 Page - Intersil Corporation

  HFA1150 Datasheet HTML 1Page - Intersil Corporation HFA1150 Datasheet HTML 2Page - Intersil Corporation HFA1150 Datasheet HTML 3Page - Intersil Corporation HFA1150 Datasheet HTML 4Page - Intersil Corporation HFA1150 Datasheet HTML 5Page - Intersil Corporation HFA1150 Datasheet HTML 6Page - Intersil Corporation HFA1150 Datasheet HTML 7Page - Intersil Corporation HFA1150 Datasheet HTML 8Page - Intersil Corporation HFA1150 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TM
1
File Number
4836
HFA1150
700MHz, SOT-23, Low Distortion Current
Feedback Operational Amplifier
The HFA1150 is a high-speed, wideband, fast settling op
amp built with Intersil's proprietary complementary bipolar
UHF-1 process. The current feedback architecture delivers
superb bandwidth even at very high gains (>300MHz at
AV = 10), and the low distortion and excellent video
parameters make this amplifier ideal for communication and
professional video applications.
Though specified for
±5V operation, the HFA1150 operates
with single supply voltages as low as 4.5V, and requires only
3.4mA of Icc in 5V applications (see Application Information
section, and Application Note AN9891).
For a lower power amplifier in a SOT-23 package, please
refer to the HFA1155 data sheet.
Features
• Low Distortion (5MHz, HD2). . . . . . . . . . . . . . . . . . -67dBc
• -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 700MHz
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . 2700V/
µs
• Fast Settling Time (0.1%) . . . . . . . . . . . . . . . . . . . . . 20ns
• Excellent Gain Flatness . . . . . . . . . .
±0.05dB to 100MHz
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . <5ns
• Operates with 5V Single Supply (See AN9891)
Applications
• Video Switching and Routing
• Pulse and Video Amplifiers
• RF/IF Signal Processing
• Flash A/D Driver
• Medical Imaging Systems
• Related Literature
- AN9420, Current Feedback Theory
- AN9891, Single 5V Supply Operation
Pinouts
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE
(oC)
PACKAGE
PKG. NO.
HFA1150IB
(H1150I)
-40 to 85
8 Ld SOIC
M8.15
HFA1150IB96
(H1150I)
-40 to 85
8 Ld SOIC
Tape and Reel
M8.15
HFA1150IH96
(1150)
-40 to 85
5 Ld SOT-23 Tape
and Reel
P5.064
HFA11XXEVAL
DIP Evaluation Board for High-Speed Op
Amps
OPAMPSOT23EVAL SOT-23 Evaluation Board for High-Speed Op
Amps
HFA1150
(SOIC)
TOP VIEW
HFA1150
(SOT23)
TOP VIEW
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
NC
V+
OUT
NC
+
-
1
2
3
5
4
V-
V+
-IN
+IN
OUT
Data Sheet
March 2000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000


Numéro de pièce similaire - HFA1150

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150IB INTERSIL-HFA1150IB Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150IB RENESAS-HFA1150IB Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150IB96 INTERSIL-HFA1150IB96 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
More results

Description similaire - HFA1150

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1155 INTERSIL-HFA1155 Datasheet
244Kb / 13P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
HFA1155 INTERSIL-HFA1155_04 Datasheet
253Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1155 RENESAS-HFA1155 Datasheet
515Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com