Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD10465 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD10465
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD10465 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD10465_15 Datasheet HTML 6Page - Analog Devices AD10465_15 Datasheet HTML 7Page - Analog Devices AD10465_15 Datasheet HTML 8Page - Analog Devices AD10465_15 Datasheet HTML 9Page - Analog Devices AD10465_15 Datasheet HTML 10Page - Analog Devices AD10465_15 Datasheet HTML 11Page - Analog Devices AD10465_15 Datasheet HTML 12Page - Analog Devices AD10465_15 Datasheet HTML 13Page - Analog Devices AD10465_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD10465
Rev. A | Page 10 of 24
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY (MHz)
ENCODE = 65MSPS
AIN = 17MHz AND
18MHz (–7dBFS)
SFDR = 77.68dBc
F2–
F1
2F2+
F1
2F1+
F2
2F1–
F2
2F2–
F1
F1+
F2
F2–
F1
2F1–
F2
2F2–
F1
F1+
F2
2F1+
F2
2F2+
F1
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
32.5
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY (MHz)
ENCODE = 65MSPS
AIN = 9MHz AND
10MHz (–7dBFS)
SFDR = 82.83dBc
Figure 14. Two Tone @ 9 MHz and 10 MHz
Figure 17. Two Tone @ 17 MHz and 18 MHz
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
0
16384
14336
12288
10240
8192
6144
4096
2048
CODES
ENCODE = 65MSPS
DNL MAX = +0.549 LSB
DNL MIN = –0.549 LSB
3
2
1
0
–1
–2
–3
0
16384
14336
12288
10240
8192
6144
4096
2048
CODES
ENCODE = 65MSPS
INL MAX = +1.173 LSB
INL MIN = –1.332 LSB
Figure 18. Integral Nonlinearity
Figure 15. Differential Nonlinearity
72.0
71.5
71.0
70.5
70.0
69.5
69.0
68.5
68.0
67.5
32
19
10
5
AIN (MHz)
–40°C
+25°C
+85°C
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
1.0
33.0
29.8
26.6
23.4
20.2
17.0
13.8
10.6
7.4
4.2
FREQUENCY (MHz)
Figure 16. Gain Flatness
Figure 19. SNR vs. AIN Frequency


Numéro de pièce similaire - AD10465_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
More results

Description similaire - AD10465_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9248 AD-AD9248 Datasheet
419Kb / 23P
   14-Bit, 20/40/65 MSPS Dual A/ D Converter
Rev. PrE 6/29/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com