Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9389 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD9389
Description  800 MHz High Performance HDMI/DVI Transmitter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9389 Fiches technique(HTML) 3 Page - Analog Devices

  AD9389_15 Datasheet HTML 1Page - Analog Devices AD9389_15 Datasheet HTML 2Page - Analog Devices AD9389_15 Datasheet HTML 3Page - Analog Devices AD9389_15 Datasheet HTML 4Page - Analog Devices AD9389_15 Datasheet HTML 5Page - Analog Devices AD9389_15 Datasheet HTML 6Page - Analog Devices AD9389_15 Datasheet HTML 7Page - Analog Devices AD9389_15 Datasheet HTML 8Page - Analog Devices AD9389_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
AD9389
Rev. 0 | Page 3 of 48
ELECTRICAL SPECIFICATIONS
Table 1.
Parameter
Temp
Test Level1
Min
Typ
Max
Unit
DIGITAL INPUTS
Input Voltage, High (VIH)
Full
VI
1.4
V
Input Voltage, Low (VIL)
Full
VI
0.7
V
Input Current, High (VIH)
Full
V
−1.0
mA
Input Current, Low (VIL)
Full
V
+1.0
mA
Input Capacitance
25°C
V
3
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
AVDD − 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.4
V
THERMAL CHARACTERISTICS
θJC Junction-to-Case
Thermal Resistance
V
25
°C/W
θJA Junction-to-Ambient
Thermal Resistance
V
30
°C/W
Ambient Temperature
Full
V
0
25
70
°C
DC SPECIFICATIONS
Input Leakage Current, IIL
25°C
VI
−10
+10
μA
Input Clamp Voltage (−16 mA)
25°C
V
−0.8
V
Input Clamp Voltage (+16 mA)
25°C
V
+0.8
Differential High Level Output Voltage
V
AVCC
V
Differential Output Short-Circuit Current
V
10
μA
POWER SUPPLY
VDD (All) Supply Voltage
Full
IV
1.71
1.8
1.89
V
VDD Supply Voltage Noise
Full
V
50
mV p-p
Complete Power-Down Current
(Everything Except I2C)
25°C
IV
6
13
mA
Quiet Power Down Current
(Monitor Detect On)
25°C
VI
7
mA
Transmitter Supply Current
(27 MHz Typical Random Pattern)
25°C
VI
165
mA
Transmitter Supply Current
(80 MHz Typical Random Pattern)
25°C
IV
185
205
mA
Transmitter Total Power
(80 MHz Single Pixel Stripe Pattern; Worst
Case Operating Conditions)
Full
VI
430
mW
AC SPECIFICATIONS
CLK Frequency
25°C
IV
13.5
80
MHz
CLK Duty Cycle
25°C
VII
40
60
%
Worst Case CLK Input Jitter
Full
VI
1.0
ns
Setup Time to CLK Falling Edge
VI
TBD
TBD
ns
Hold Time to CLK Falling Edge
VI
TBD
TBD
ns
TMDS Differential Swing
VII
800
1000
1200
mV
VSYNC and HSYNC Delay from DE Falling Edge
VI
1
UI
VSYNC and HSYNC Delay to DE Rising Edge
VI
1
UI
DE High Time
25°C
VI
8191
UI
DE Low Time
25°C
VI
138
UI
Differential Output Swing Low-to-High
Transition Time
25°C
VII
75
490
ps
Differential Swing Output High-to-Low
Transition Time
25°C
VII
75
490
ps


Numéro de pièce similaire - AD9389_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9389/PCB AD-AD9389/PCB Datasheet
908Kb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389AKCPZ-80 AD-AD9389AKCPZ-80 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results

Description similaire - AD9389_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9389 AD-AD9389 Datasheet
908Kb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com