Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9381 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD9381
Description  HDMI Display Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9381 Fiches technique(HTML) 4 Page - Analog Devices

  AD9381_15 Datasheet HTML 1Page - Analog Devices AD9381_15 Datasheet HTML 2Page - Analog Devices AD9381_15 Datasheet HTML 3Page - Analog Devices AD9381_15 Datasheet HTML 4Page - Analog Devices AD9381_15 Datasheet HTML 5Page - Analog Devices AD9381_15 Datasheet HTML 6Page - Analog Devices AD9381_15 Datasheet HTML 7Page - Analog Devices AD9381_15 Datasheet HTML 8Page - Analog Devices AD9381_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9381
Rev. 0 | Page 4 of 44
AD9381KSTZ-100
AD9381KSTZ-150
Parameter
Test Level
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
IDVDD Supply Current (Typical
Pattern)1, 4
V
88
110
110
145
mA
IPVDD Supply Current (Typical
Pattern)1
V
26
35
30
40
mA
Power-Down Supply Current (IPD)
VI
130
130
mA
AC SPECIFICATIONS
Intrapair (+ to −) Differential Input
Skew (TDPS)
IV
360
ps
Channel to Channel Differential
Input Skew (TCCS)
IV
6
Clock
Period
Low-to-High Transition Time for
Data and Controls (DLHT)
IV
Output drive = high;
CL = 10 pF
900
ps
IV
Output drive = low;
CL = 5 pF
1300
ps
Low-to-High Transition Time for
DATACK (DLHT)
IV
Output drive = high;
CL = 10 pF
650
ps
IV
Output drive = low;
CL = 5 pF
1200
ps
High-to-Low Transition Time for
Data and Controls (DHLT)
IV
Output drive = high;
CL = 10 pF
850
ps
IV
Output drive = low;
CL = 5 pF
1250
ps
High-to-Low Transition Time for
DATACK (DHLT)
IV
Output drive = high;
CL = 10 pF
800
ps
IV
Output drive = low;
CL = 5 pF
1200
ps
Clock to Data Skew5 (TSKEW)
IV
–0.5
+2.0
–0.5
+2.0
ns
Duty Cycle, DATACK5
IV
45
50
55
%
DATACK Frequency (FCIP)
VI
20
150
MHz
1 The typical pattern contains a gray scale area, output drive = high. Worst-case pattern is alternating black and white pixels.
2 The typical pattern contains a gray scale area, output drive = high.
3 Specified current and power values with a worst-case pattern (on/off).
4 DATACK load = 10 pF, data load = 5 pF.
5 Drive strength = high.


Numéro de pièce similaire - AD9381_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9381/PCB AD-AD9381/PCB Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9381KSTZ-100 AD-AD9381KSTZ-100 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9381KSTZ-150 AD-AD9381KSTZ-150 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
More results

Description similaire - AD9381_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9381 AD-AD9381 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
   HDMI??Display Interface
REV. 0
AD9380 AD-AD9380 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9393 AD-AD9393 Datasheet
797Kb / 40P
   Low Power HDMI Display Interface
REV. 0
AD9880 AD-AD9880 Datasheet
1Mb / 64P
   Analog/HDMI Dual Display Interface
REV. 0
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
Digital View Ltd
ALR-1920 DIGITALVIEW-ALR-1920 Datasheet
1Mb / 36P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
logo
List of Unclassifed Man...
41728001X-3 ETC2-41728001X-3 Datasheet
637Kb / 36P
   PC, HDMI, DISPLAY PORT, SDI INTERFACE CONTROLLER FOR TFT PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com