Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9289 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD9289
Description  Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9289 Fiches technique(HTML) 5 Page - Analog Devices

  AD9289_15 Datasheet HTML 1Page - Analog Devices AD9289_15 Datasheet HTML 2Page - Analog Devices AD9289_15 Datasheet HTML 3Page - Analog Devices AD9289_15 Datasheet HTML 4Page - Analog Devices AD9289_15 Datasheet HTML 5Page - Analog Devices AD9289_15 Datasheet HTML 6Page - Analog Devices AD9289_15 Datasheet HTML 7Page - Analog Devices AD9289_15 Datasheet HTML 8Page - Analog Devices AD9289_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD9289
Rev. 0 | Page 5 of 32
SWITCHING SPECIFICATIONS
AVDD = 3.0 V, DRVDD = 3.0 V, conversion rate = 65 MSPS, 2 V p-p differential input, 1.0 V internal reference, AIN = –0.5 dBFS, unless
otherwise noted.
Table 4.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
CLOCK
Maximum Clock Rate
Full
VI
65
MSPS
Minimum Clock Rate
Full
IV
12
MSPS
Clock Pulse Width High (tEH)
Full
VI
6.9
7.7
ns
Clock Pulse Width Low (tEL)
Full
VI
6.9
7.7
ns
OUTPUT PARAMETERS
Valid Time (tV)1
Full
IV
0.5
<1.5
CLK cycles
Propagation Delay (tPD)
Full
VI
6.9
9.0
11.6
ns
Rise Time (tR) (20% to 80%)
Full
V
250
ps
Fall Time (tF) (20% to 80%)
Full
V
250
ps
FCO Propagation Delay (tFCO)
Full
V
9.0
ns
DCO Propagation Delay (tCPD)
Full
V
9.0
ns
DCO-to-Data Delay (tDATA)
Full
VI
±100
±550
ps
DCO-to-FCO Delay (tFRAME)
Full
VI
±100
±500
ps
Data-to-Data Skew (tDATA-MAX – tDATA-MIN)
Full
IV
±100
±250
ps
PLL Lock Time (tLOCK)
25°C
V
1.8
µs
Wake-Up Time
25°C
V
7
ms
Pipeline Latency
Full
IV
6
CLK cycles
APERTURE
Aperture Delay (tA)
25°C
V
4.5
ns
Aperture Uncertainty (Jitter)
25°C
V
<1
ps rms
OUT-OF-RANGE RECOVERY TIME
25°C
V
1
CLK cycles
1 Actual valid time is dependent on the moment when LOCK goes low.
TIMING DIAGRAMS
LOCK
DCO–
DCO+
D1–
D1+
FCO–
FCO+
CLK–
AIN
CLK+
N-1
N
tEH
tCPD
tDATA
tV
tFRAME
MSB
(N-7)
D6
(N-7)
D5
(N-7)
D4
(N-7)
D3
(N-7)
D2
(N-7)
D1
(N-7)
LSB
(N-7)
MSB
(N-6)
tFCO
tPD
tEL
tA
STATIC
STATIC
STATIC
INVALID
STATIC
STATIC
STATIC
Figure 2. Timing Diagram


Numéro de pièce similaire - AD9289_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9289 AD-AD9289_17 Datasheet
917Kb / 33P
   Serial LVDS 3 V A/D Converter
More results

Description similaire - AD9289_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9229 AD-AD9229 Datasheet
471Kb / 15P
   Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
Rev. PrF 10/06/2003
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com