Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9241 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD9241
Description  Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9241 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD9241_15 Datasheet HTML 3Page - Analog Devices AD9241_15 Datasheet HTML 4Page - Analog Devices AD9241_15 Datasheet HTML 5Page - Analog Devices AD9241_15 Datasheet HTML 6Page - Analog Devices AD9241_15 Datasheet HTML 7Page - Analog Devices AD9241_15 Datasheet HTML 8Page - Analog Devices AD9241_15 Datasheet HTML 9Page - Analog Devices AD9241_15 Datasheet HTML 10Page - Analog Devices AD9241_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD9241
REV. 0
–7–
Other Characterization Curves/Plots
(AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, fSAMPLE = 1.25 MSPS, TA = +25 C,
Single-Ended Input)
CODE
3.0
–1.5
0
2.5
0.5
0.0
–0.5
–1.0
2.0
1.5
–2.0
–2.5
–3.0
16383
1.0
Figure 11. Typical INL
(Input Span = 5 V)
INPUT FREQUENCY – MHz
90
85
50
0.01
0.1
10.0
80
75
55
70
65
60
–0.5dBFS
–6.0dBFS
–20.0dBFS
1.0
Figure 14. SINAD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
INPUT FREQUENCY – MHz
90
85
50
0.01
0.1
10.0
80
75
55
70
65
60
–0.5dBFS
–6dBFS
–20dBFS
45
40
1.0
Figure 17. SINAD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
CODE
1.0
0
0.8
0.2
0.0
0.6
0.4
–0.2
–0.4
–0.6
–0.8
–1.0
16383
100%
Figure 12. Typical DNL
(Input Span = 5 V)
INPUT FREQUENCY – MHz
–40
–50
–100
0.01
0.1
10.0
–70
–80
–90
–60
–0.5dBFS
–6dBFS
–20dBFS
1.0
Figure 15. THD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
INPUT FREQUENCY – MHz
–40
–50
–100
0.01
0.1
1.0
–70
–80
–90
–60
–0.5dBFS
–20dBFS
10.0
–6dBFS
Figure 18. THD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
N–1
12,901,627
1,137,700
1,146,291
N
N+1
CODE
Figure 13. “Grounded-Input”
Histogram (Input Span = 5 V)
FREQUENCY – MHz
90
0.01
0.1
10.0
1.0
40
50
60
70
80
100
Figure 16. CMR vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
TEMPERATURE – C
0.01
–0.004
–0.01
–60 –40
140
–20 0
20
40
60 80 100 120
0.008
–0.002
–0.006
–0.008
0.002
0
0.006
0.004
Figure 19. Typical Voltage Reference
Error vs. Temperature


Numéro de pièce similaire - AD9241_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9241 AD-AD9241_17 Datasheet
530Kb / 25P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
More results

Description similaire - AD9241_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9241 AD-AD9241 Datasheet
495Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9241 AD-AD9241_17 Datasheet
530Kb / 25P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
AD9241ASZ AD-AD9241ASZ Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD1671 AD-AD1671_15 Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD1671 AD-AD1671 Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD9240 AD-AD9240 Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9243 AD-AD9243_15 Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9243ASZ AD-AD9243ASZ Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9243 AD-AD9243 Datasheet
545Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com