Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9218 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD9218
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9218 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD9218_15 Datasheet HTML 4Page - Analog Devices AD9218_15 Datasheet HTML 5Page - Analog Devices AD9218_15 Datasheet HTML 6Page - Analog Devices AD9218_15 Datasheet HTML 7Page - Analog Devices AD9218_15 Datasheet HTML 8Page - Analog Devices AD9218_15 Datasheet HTML 9Page - Analog Devices AD9218_15 Datasheet HTML 10Page - Analog Devices AD9218_15 Datasheet HTML 11Page - Analog Devices AD9218_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD9218
Rev. C | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
EXPLANATION OF TEST LEVELS
Table 5.
Parameter
Rating
I.
100% production tested.
VD, V
4 V
DD
II.
100% production tested at 25°C and sample tested at
specified temperatures.
Analog Inputs
–0.5 V to VD + 0.5 V
Digital Inputs
–0.5 V to V
+ 0.5 V
DD
REFIN Inputs
–0.5 V to VD + 0.5 V
III.
Sample tested only.
Digital Output Current
20 mA
IV.
Parameter is guaranteed by design and characterization
testing.
Operating Temperature
–55°C to +125°C
Storage Temperature
–65°C to +150°C
Maximum Junction Temperature
150°C
V.
Parameter is a typical value only.
Maximum Case Temperature
150°C
θA (measured on a 4-layer board with
solid ground plane)
57°C/W
VI.
100% production tested at 25°C; guaranteed by design
and characterization testing for industrial temperature
range.
100% production tested at temperature extremes for
military devices.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 6. User Select Modes
S1
S2
Power-Down and Data Alignment Settings
0
0
Power down both Channel A and Channel B.
0
1
Power down Channel B only.
1
0
Normal operation (data align disabled).
1
1
Data align enabled (data from both channels
available on rising edge of Clock A. Channel B data is
delayed by a ½ clock cycle.)
ESD CAUTION


Numéro de pièce similaire - AD9218_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9218-105PCB AD-AD9218-105PCB Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9218-105PCB AD-AD9218-105PCB Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218-105PCB AD-AD9218-105PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9218-105PCB AD-AD9218-105PCB Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
More results

Description similaire - AD9218_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9218 AD-AD9218_06 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com