Moteur de recherche de fiches techniques de composants électroniques |
|
AD9216 Fiches technique(PDF) 11 Page - Analog Devices |
|
AD9216 Fiches technique(HTML) 11 Page - Analog Devices |
11 / 40 page AD9216 Rev. A | Page 11 of 40 TERMINOLOGY Analog Bandwidth The analog input frequency at which the spectral power of the fundamental frequency (as determined by the FFT analysis) is reduced by 3 dB. Aperture Delay The delay between the 50% point of the rising edge of the encode command and the instant the analog input is sampled. Aperture Uncertainty (Jitter) The sample-to-sample variation in aperture delay. Clock Pulse Width/Duty Cycle Pulse-width high is the minimum amount of time that the clock pulse should be left in a Logic 1 state to achieve rated performance; pulse-width low is the minimum time clock pulse should be left in a low state. At a given clock rate, these specifications define an acceptable clock duty cycle. Crosstalk Coupling onto one channel being driven by a low level (−40 dBFS) signal when the adjacent interfering channel is driven by a full-scale signal. Differential Analog Input Resistance, Differential Analog Input Capacitance, and Differential Analog Input Impedance The real and complex impedances measured at each analog input port. The resistance is measured statically and the capacitance and differential input impedances are measured with a network analyzer. Differential Analog Input Voltage Range The peak-to-peak differential voltage that must be applied to the converter to generate a full-scale response. Peak differential voltage is computed by observing the voltage on a single pin and subtracting the voltage from the other pin, which is 180° out of phase. Peak-to-peak differential is computed by rotating the inputs phase 180° and by taking the peak measurement again. The difference is then computed between both peak measurements. Differential Nonlinearity The deviation of any code width from an ideal 1 LSB step. Effective Number of Bits (ENOB) The ENOB is calculated from the measured SINAD based on the equation (assuming full-scale input) 6.02 dB 1.76 − = MEASURED SINAD ENOB Full-Scale Input Power Expressed in dBm and computed using the following equation. ⎟ ⎟ ⎟ ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎜ ⎜ ⎜ ⎝ ⎛ = 0.001 V log 10 2 INPUT SCALE FULL SCALE FULL Z rms Power Gain Error The difference between the measured and ideal full-scale input voltage range of the ADC. Harmonic Distortion, Second The ratio of the rms signal amplitude to the rms value of the second harmonic component, reported in dBc. Harmonic Distortion, Third The ratio of the rms signal amplitude to the rms value of the third harmonic component, reported in dBc. Integral Nonlinearity The deviation of the transfer function from a reference line measured in fractions of 1 LSB using a best straight line determined by a least square curve fit. Minimum Conversion Rate The encode rate at which the SNR of the lowest analog signal frequency drops by no more than 3 dB below the guaran- teed limit. Maximum Conversion Rate The encode rate at which parametric testing is performed. Output Propagation Delay The delay between a 50% crossing of the CLK rising edge and the time when all output data bits are within valid logic levels. |
Numéro de pièce similaire - AD9216_15 |
|
Description similaire - AD9216_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |