Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCW68G Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce BCW68G
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW68G Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW68G Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW68G Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BCW68G Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
BCW68 (KCW68)
Features
Complementary to BCW66, BCW68 is subdivided into
three groups F, G and H according to its DC current gain.
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-60
Collector - Emitter Voltage
VCEO
-45
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-800
mA
Collector Power Dissipation
PC
330
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V


Numéro de pièce similaire - BCW68G

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
BCW68G ZETEX-BCW68G Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
BCW68G WINNERJOIN-BCW68G Datasheet
64Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
SHIKUES Electronics
BCW68G SKTECHNOLGY-BCW68G Datasheet
498Kb / 2P
   High Collector Current
logo
Siemens Semiconductor G...
BCW68G SIEMENS-BCW68G Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW68G INFINEON-BCW68G Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
More results

Description similaire - BCW68G

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com