Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC1652G Fiches technique(PDF) 3 Page - NEC

No de pièce UPC1652G
Description  SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPC1652G Fiches technique(HTML) 3 Page - NEC

  UPC1652G Datasheet HTML 1Page - NEC UPC1652G Datasheet HTML 2Page - NEC UPC1652G Datasheet HTML 3Page - NEC UPC1652G Datasheet HTML 4Page - NEC UPC1652G Datasheet HTML 5Page - NEC UPC1652G Datasheet HTML 6Page - NEC UPC1652G Datasheet HTML 7Page - NEC UPC1652G Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet P12443EJ5V0DS00
3
µµµµPC1652G
PACKAGE DIMENSIONS
8 PIN PLASTIC SOP (225 mil) (UNIT: mm)
NOTE
Each lead centerline is located within 0.12 mm of its true position (T.P.) at maximum material condition.
85
1
4
M
detail of lead end
5.2
± 0.2
1.49
0.85 MAX.
1.27
0.12
1.57
± 0.2
0.1
± 0.1
6.5
± 0.3
0.6
± 0.2
1.1
± 0.2
0.10
4.4
± 0.15
+7˚
–3˚
0.17
+0.08
–0.07
0.42
+0.08
–0.07


Numéro de pièce similaire - UPC1652G

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPC1652G RENESAS-UPC1652G Datasheet
179Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Description similaire - UPC1652G

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC2712T NEC-UPC2712T Datasheet
159Kb / 12P
   2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2711T NEC-UPC2711T Datasheet
185Kb / 12P
   2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2726T NEC-UPC2726T Datasheet
143Kb / 12P
   1.6 GHz DIFFERENTIAL WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2713T NEC-UPC2713T Datasheet
44Kb / 5P
   1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2715T NEC-UPC2715T Datasheet
148Kb / 12P
   1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2714T NEC-UPC2714T Datasheet
186Kb / 6P
   1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
logo
NTE Electronics
NTE726 NTE-NTE726 Datasheet
24Kb / 2P
   Integrated Circuit Wide Band Amplifier
NTE784 NTE-NTE784 Datasheet
26Kb / 3P
   Integrated Circuit Wide-Band Power Amplifier
logo
Toshiba Semiconductor
TA78L05FTE12L TOSHIBA-TA78L05FTE12L Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
   Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com