Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8801 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8801
Description  Octal 8-Bit TrimDAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8801 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8801_15 Datasheet HTML 7Page - Analog Devices AD8801_15 Datasheet HTML 8Page - Analog Devices AD8801_15 Datasheet HTML 9Page - Analog Devices AD8801_15 Datasheet HTML 10Page - Analog Devices AD8801_15 Datasheet HTML 11Page - Analog Devices AD8801_15 Datasheet HTML 12Page - Analog Devices AD8801_15 Datasheet HTML 13Page - Analog Devices AD8801_15 Datasheet HTML 14Page - Analog Devices AD8801_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8801/AD8803
REV. A
–11–
The subroutine begins by setting appropriate bits in the Serial
Control register to configure the serial port for Mode 0 opera-
tion. Next the DAC’s Chip Select input is set low to enable the
AD8801/AD8803. The DAC address is obtained from memory
location DAC_ADDR, adjusted to compensate for the 8051’s
serial data format, and moved to the serial buffer register. At
this point, serial data transmission begins automatically. When
all 8 bits have been sent, the Transmit Interrupt bit is set, and
the subroutine then proceeds to send the DAC value stored at
location DAC_VALUE. Finally the Chip Select input is re-
turned high, causing the appropriate AD8801/AD8803 output
voltage to change, and the subroutine ends.
The 8051 sends data out of its shift register LSB first, while the
AD8801/AD8803 require data MSB first. The subroutine there-
fore includes a BYTESWAP subroutine to reformat the data.
This routine transfers the MSB-first byte at location SHIFT1 to
an LSB-first byte at location SHIFT2. The routine rotates the
MSB of the first byte into the carry with a Rotate Left Carry in-
struction, then rotates the carry into the MSB of the second byte
with a Rotate Right Carry instruction. After 8 loops, SHIFT2
contains the data in the proper format.
The BYTESWAP routine in Listing 1 is convenient because the
DAC data can be calculated in normal LSB form. For example,
producing a ramp voltage on a DAC is simply a matter of re-
peatedly incrementing the DAC_VALUE location and calling
the LD_8801 subroutine.
If the
µC’s hardware serial port is being used for other purposes,
the AD8801/AD8803 can be loaded by using the parallel port.
A typical parallel interface is shown in Figure 26. The serial data
is transmitted to the DAC via the 8051’s Port1.7 output, while
Port1.6 acts as the serial clock.
Software for the interface of Figure 26 is contained in Listing 2. The
subroutine will send the value stored at location DAC_VALUE to
the AD8801/AD8803 DAC addressed by location DAC_ADDR.
The program begins by setting the AD8801/AD8803’s Serial
Clock and Chip Select inputs high, then setting Chip Select low
to start the serial interface process. The DAC address is loaded
into the accumulator and three Rotate Right shifts are per-
formed. This places the DAC address in the 3 MSBs of the ac-
cumulator. The address is then sent to the AD8801/AD8803 via
the SEND_SERIAL subroutine. Next, the DAC value is loaded
into the accumulator and sent to the AD8801/AD8803. Finally,
the Chip Select input is set high to complete the data transfer.
; This 8051
µC subroutine loads an AD8801 or AD8803 DAC with an 8-bit value,
; using the 8051’s parallel port #1.
; The DAC value is stored at location DAC_VALUE
; The DAC address is stored at location DAC_ADDR
;
; Variable declarations
PORT1
DATA
90H
;SFR register for port 1
DAC_VALUE
DATA
40H
;DAC Value
DAC_ADDR
DATA
41H
;DAC Address (0 through 7)
LOOPCOUNT
DATA
43H
;COUNT LOOPS
;
ORG
100H
;arbitrary start
LD_8803:
ORL
PORT1,#11110000B
;set CLK, /CS and /SHDN high,
CLR
PORT1.5
;Set Chip Select low
MOV
LOOPCOUNT,#3
;Address is 3 bits
MOV
A,DAC_ADDR
; Get DAC address
RR
A
; Rotate the DAC
RR
A
;address to the Most
RR
A
;Significant Bits (MSBs)
ACALL
SEND_SERIAL
;Send the address
MOV
LOOPCOUNT,#8
;Do 8 bits of data
MOV
A,DAC_VALUE
ACALL
SEND_SERIAL
;Send the data
SETB
PORT1.5
;Set /CS high
RET
;DONE
SEND_SERIAL:
RLC
A
;Move next bit to carry
MOV
PORT1.7,C
;Move data to SDI
CLR
PORT1.6
;Pulse the
SETB
PORT1.6
; CLK input
DJNZ
LOOPCOUNT,SEND_SERIAL
;Loop if not done
RET;
END
Listing 2. Software for the 8051 to AD8801/AD8803 Parallel Port Interface


Numéro de pièce similaire - AD8801_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8801AN AD-AD8801AN Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801AN AD-AD8801AN Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801AR AD-AD8801AR Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801AR AD-AD8801AR Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801ARZ AD-AD8801ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
More results

Description similaire - AD8801_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8801ARZ AD-AD8801ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803ARZ AD-AD8803ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8801 AD-AD8801 Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803 AD-AD8803_15 Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com