Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8661 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8661
Description  Low Noise, Precision 16 V CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8661 Fiches technique(HTML) 3 Page - Analog Devices

  AD8661_15 Datasheet HTML 1Page - Analog Devices AD8661_15 Datasheet HTML 2Page - Analog Devices AD8661_15 Datasheet HTML 3Page - Analog Devices AD8661_15 Datasheet HTML 4Page - Analog Devices AD8661_15 Datasheet HTML 5Page - Analog Devices AD8661_15 Datasheet HTML 6Page - Analog Devices AD8661_15 Datasheet HTML 7Page - Analog Devices AD8661_15 Datasheet HTML 8Page - Analog Devices AD8661_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8661/AD8662/AD8664
Rev. D | Page 3 of 16
SPECIFICATIONS
AD8661/AD8662/AD8664 ELECTRICAL CHARACTERISTICS—SOIC_N, MSOP, AND TSSOP
VS = 5.0 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = VS/2
30
100
μV
AD8661
−40°C < TA < +85°C
1000
μV
AD8661
−40°C < TA < +125°C
1400
μV
AD8662
−40°C < TA < +125°C
1000
μV
AD8664
−40°C < TA < +125°C
1200
μV
Input Bias Current
IB
0.3
1
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
300
pA
Input Offset Current
IOS
0.2
0.5
pA
−40°C < TA < +85°C
20
pA
−40°C < TA < +125°C
75
pA
Input Voltage Range
−0.1
+3.0
V
Common-Mode Rejection Ratio
CMRR
VCM = −0.1 V to +3.0 V
85
100
dB
−40°C < TA < +125°C
80
100
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 4.5 V
100
220
V/mV
Offset Voltage Drift
TCVOS
AD8661
−40°C < TA < +125°C
3
10
μV/°C
AD8662, AD8664
−40°C < TA < +125°C
2
9
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
4.85
4.93
V
−40°C < TA < +125°C
4.80
V
Output Voltage Low
VOL
IL = 1 mA
50
100
mV
−40°C < TA < +125°C
110
mV
Short-Circuit Current
ISC
±19
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
50
Ω
POWER SUPPLY
Supply Current per Amplifier
ISY
VO = VS/2
1.15
1.40
mA
−40°C < TA < +125°C
2.0
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
3.5
V/μs
Gain Bandwidth Product
GBP
4
MHz
Phase Margin
ΦO
65
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
f = 0.1 Hz to 10 Hz
2.5
μV p-p
Voltage Noise Density
en
f = 1 kHz
12
nV/√Hz
f = 10 kHz
10
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.1
pA/√Hz


Numéro de pièce similaire - AD8661_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
More results

Description similaire - AD8661_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8662 AD-AD8662_15 Datasheet
620Kb / 16P
   Low Noise, Precision 16 V CMOS
REV. D
AD8669 AD-AD8669_15 Datasheet
2Mb / 5P
   Low Noise, Precision, 16 V, CMOS
Rev. PrA
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8609 AD-AD8609_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
AD8655 AD-AD8655_13 Datasheet
357Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com