Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA-5222 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce HA-5222
Description  Dual, Low Noise, Wideband, Precision Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5222 Fiches technique(HTML) 2 Page - Intersil Corporation

  HA-5222 Datasheet HTML 1Page - Intersil Corporation HA-5222 Datasheet HTML 2Page - Intersil Corporation HA-5222 Datasheet HTML 3Page - Intersil Corporation HA-5222 Datasheet HTML 4Page - Intersil Corporation HA-5222 Datasheet HTML 5Page - Intersil Corporation HA-5222 Datasheet HTML 6Page - Intersil Corporation HA-5222 Datasheet HTML 7Page - Intersil Corporation HA-5222 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3-170
Specifications HA-5222/883
Absolute Maximum Ratings
Thermal Information (Typical)
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 36V
Differential Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Peak Output Current (Pulsed at 1ms, 10% Duty Cycle) . . . . . 100mA
Continuous Output Current. . . . . . . . . . . . . . Short Circuit Protected
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
CerDIP Package . . . . . . . . . . . . . . . . . . .
96oC/W
16oC/W
Package Power Dissipation Limit at +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.04W
Package Power Dissipation Derating Factor Above +75oC
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10.4mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . ±5V to ±15V
VINCM ≤ 1/2 (V+ - V-)
RL ≥ 1kΩ
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±15V, RLOAD = 1kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Offset Voltage
VIO
VCM = 0V
1
+25oC
-0.75
0.75
mV
2, 3
+125oC, -55oC
-1.5
1.5
mV
Input Bias Current
+IB
VCM = 0V,
+RS = 100.1kΩ,
-RS = 100Ω
1
+25oC
-80
80
nA
2, 3
+125oC, -55oC
-200
200
nA
-IB
VCM = 0V, +RS = 100Ω,
-RS = 100.1kΩ
1
+25oC
-80
80
nA
2, 3
+125oC, -55oC
-200
200
nA
Input Offset Current
IIO
VCM = 0V,
+RS = 100.1kΩ,
-RS = 100.1kΩ
1
+25oC
-50
50
nA
2, 3
+125oC, -55oC
-150
150
nA
Common Mode Range
+CMR
V+ = +3V, V- = -27V
1
+25oC12
-
V
2, 3
+125oC, -55oC12
-
V
-CMR
V+ = +27V, V- = -3V
1
+25oC
-
-12
V
2, 3
+125oC, -55oC
-
-12
V
Large Signal Voltage
Gain
+AVOL
VOUT = 0V and +10V
4
+25oC
106
-
dB
5, 6
+125oC, -55oC
100
-
dB
-AVOL
VOUT = 0V and -10V
4
+25oC
106
-
dB
5, 6
+125oC, -55oC
100
-
dB
Common Mode
Rejection Ratio
+CMRR
∆V
CM = +10V,
V+ = +5V, V- = -25V,
VOUT = -10V
1
+25oC88
-
dB
2, 3
+125oC, -55oC86
-
dB
-CMRR
∆V
CM = -10V,
V+ = +25V, V- = -5V,
VOUT = +10V
1
+25oC88
-
dB
2, 3
+125oC, -55oC86
-
dB
Output Voltage Swing
+VOUT
RL = 1kΩ
4
+25oC
12.0
-
V
5, 6
+125oC, -55oC
11.5
-
V
-VOUT
RL = 1kΩ
4
+25oC
-
-12.0
V
5, 6
+125oC, -55oC
-
-11.5
V
Spec Number
511062-883


Numéro de pièce similaire - HA-5222

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
More results

Description similaire - HA-5222

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com