Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8626 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8626
Description  Single-Supply JFET Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8626 Fiches technique(HTML) 1 Page - Analog Devices

  AD8626_15 Datasheet HTML 1Page - Analog Devices AD8626_15 Datasheet HTML 2Page - Analog Devices AD8626_15 Datasheet HTML 3Page - Analog Devices AD8626_15 Datasheet HTML 4Page - Analog Devices AD8626_15 Datasheet HTML 5Page - Analog Devices AD8626_15 Datasheet HTML 6Page - Analog Devices AD8626_15 Datasheet HTML 7Page - Analog Devices AD8626_15 Datasheet HTML 8Page - Analog Devices AD8626_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision Low Power
Single-Supply JFET Amplifiers
Data Sheet
AD8625/AD8626/AD8627
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
SC70 package
Very low IB: 1 pA max
Single-supply operation: 5 V to 26 V
Dual-supply operation: ±2.5 V to ±13 V
Rail-to-rail output
Low supply current: 630 μA/amp typ
Low offset voltage: 500 μV max
Unity gain stable
No phase reversal
APPLICATIONS
Photodiode amplifiers
ATEs
Line-powered/battery-powered instrumentation
Industrial controls
Automotive sensors
Precision filters
Audio
PIN CONFIGURATIONS
2
3
1
4
5
OUT A
V–
+IN
V+
–IN
AD8627
5-Lead SC70
(KS Suffix)
NC
–IN
V+
2
+IN
OUT
3
V–
NC
4
NC
1
7
6
5
8
AD8627
NC = NO CONNECT
8-Lead SOIC
(R-8 Suffix)
OUT A
–IN A
OUT B
2
+IN A
–IN B
3
V–
+IN B
4
V+
1
7
6
5
8
AD8626
8-Lead SOIC
(R-8 Suffix)
V+
OUT A
OUT B
–IN A
–IN B
+IN A
+IN B
V–
AD8626
8-Lead MSOP
(RM-Suffix)
5
8
4
1
OUT A
OUT D
114
–IN A
–IN D
213
+IN A
+IN D
312
V+
V–
411
+IN B
+IN C
510
–IN B
–IN C
69
OUT B
OUT C
78
AD8625
14-Lead SOIC
(R-Suffix)
OUT D
OUT A
–IN D
–IN A
+IN D
+IN A
V–
V+
+IN C
+IN B
–IN C
–IN B
OUT C
OUT B
AD8625
14-Lead TSSOP
(RU-Suffix)
8
14
7
1
Figure 1.
GENERAL DESCRIPTION
The AD862x is a precision JFET input amplifier. It features
true single-supply operation, low power consumption, and
rail-to-rail output. The outputs remain stable with capacitive
loads of over 500 pF; the supply current is less than 630 μA/amp.
Applications for the AD862x include photodiode transimpedance
amplification, ATE reference level drivers, battery management,
both line powered and portable instrumentation, and remote
sensor signal conditioning, which includes automotive sensors.
The AD862x’s ability to swing nearly rail-to-rail at the input
and rail-to-rail at the output enables it to be used to buffer
CMOS DACs, ASICs, and other wide output swing devices in
single-supply systems.
The 5 MHz bandwidth and low offset are ideal for precision filters.
The AD862x is fully specified over the industrial temperature
range. (−40°C to +85°C). The AD8627 is available in both
5-lead SC70 and 8-lead SOIC surface-mount packages (SC70
packaged parts are available in tape and reel only). The AD8626
is available in MSOP and SOIC packages, while the AD8625 is
available in TSSOP and SOIC packages.


Numéro de pièce similaire - AD8626_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8626AR AD-AD8626AR Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626AR-REEL AD-AD8626AR-REEL Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626AR-REEL7 AD-AD8626AR-REEL7 Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626ARM-R2 AD-AD8626ARM-R2 Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
AD8626ARM-REEL AD-AD8626ARM-REEL Datasheet
568Kb / 20P
   Precision Low Power Single-Supply JFET Amplifier
REV. B
More results

Description similaire - AD8626_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8627 AD-AD8627_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8625 AD-AD8625_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8625 AD-AD8625_13 Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8532 AD-AD8532_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
AD8531 AD-AD8531_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
logo
ON Semiconductor
2N5460 ONSEMI-2N5460 Datasheet
78Kb / 8P
   JFET Amplifiers
November, 2001 ??Rev. 3
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081_08 Datasheet
338Kb / 15P
   General purpose JFET single operational amplifiers
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
   Low power JFET single operational amplifiers
March 2009 Rev 3
LF351 STMICROELECTRONICS-LF351_08 Datasheet
622Kb / 14P
   Wide bandwidth single JFET operational amplifiers
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com