Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8611 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8611
Description  Single-Supply Comparators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8611 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD8611_15 Datasheet HTML 4Page - Analog Devices AD8611_15 Datasheet HTML 5Page - Analog Devices AD8611_15 Datasheet HTML 6Page - Analog Devices AD8611_15 Datasheet HTML 7Page - Analog Devices AD8611_15 Datasheet HTML 8Page - Analog Devices AD8611_15 Datasheet HTML 9Page - Analog Devices AD8611_15 Datasheet HTML 10Page - Analog Devices AD8611_15 Datasheet HTML 11Page - Analog Devices AD8611_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8611/AD8612
Rev. A | Page 8 of 20
TEMPERATURE (°C)
1.2
0
–60
100
–40
–20
0
20406080
1.0
0.8
0.6
0.4
0.2
VS = 3V
VS = 5V
Figure 13. Offset Voltage vs. Temperature
INPUT FREQUENCY (MHz)
40
35
0
100
110
30
25
5
20
15
10
V+ = 5V
TA =25°C
Figure 14. Supply Current vs. Input Frequency
TEMPERATURE (°C)
2.0
0
–50
100
–25
0
25
50
75
1.4
1.2
1.0
0.6
0.2
0.8
1.8
V+ = 5V
SETUP TIME
HOLD TIME
1.6
0.4
Figure 15. Latch Setup and Hold Time vs. Temperature
SINK CURRENT (mA)
0.40
0
0.35
0.20
0.15
0.10
0.05
0.30
0.25
01
2468
10
2
+85°C
+25°C
–40°C
+85°C
+25°C
–40°C
Figure 16. Output Low Voltage vs. Load Current (Sinking) Over Temperature
LOAD CURRENT (mA)
4.0
2.4
3.8
3.2
3.0
2.8
2.6
3.6
3.4
0
12
2468
10
+25°C
+85°C
–40°C
Figure 17. Output High Voltage vs. Load Current (Sourcing) Over
Temperature
TEMPERATURE (°C)
8
0
–60
100
–40
–20
0
20
40
60
80
7
5
4
2
1
3
6
VS = 3V
VS = 5V
Figure 18. Supply Current vs. Temperature


Numéro de pièce similaire - AD8611_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
More results

Description similaire - AD8611_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
NCV2901DTBR2G ONSEMI-NCV2901DTBR2G Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com