Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HA-5137 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce HA-5137
Description  60MHz, Ultra Low Noise, Precision Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5137 Fiches technique(HTML) 2 Page - Intersil Corporation

  HA-5137 Datasheet HTML 1Page - Intersil Corporation HA-5137 Datasheet HTML 2Page - Intersil Corporation HA-5137 Datasheet HTML 3Page - Intersil Corporation HA-5137 Datasheet HTML 4Page - Intersil Corporation HA-5137 Datasheet HTML 5Page - Intersil Corporation HA-5137 Datasheet HTML 6Page - Intersil Corporation HA-5137 Datasheet HTML 7Page - Intersil Corporation HA-5137 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Spec Number
511034-883
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 44V
Differential Input Voltage (Note 1). . . . . . . . . . . . . . . . . . . . . . . . 0.7V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Input Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
Output Current . . . . . . . . . . . . . . . . . . . Full Short Circuit Protection
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
± 15V
VINCM ≤ 1/2 (V+ - V-)
RL ≥ 600Ω
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . .
115
28
CLCC Package . . . . . . . . . . . . . . . . . .
85
26
Metal Can Package . . . . . . . . . . . . . . .
155
67
Package Power Dissipation Limit at 75oC for TJ ≤ 175
oC
CERDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 870mW
CLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.18W
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 645mW
Package Power Dissipation Derating Factor Above 75oC
CERDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.7mW/oC
CLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11.8mW/oC
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5mW/oC
Maximum Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . 175
oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. For differential input voltages greater than 0.7V, the input current must be limited to 25mA to protect the back-to-back input diodes.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
TABLE 1. DC ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Tested at: VSUPPLY = ±15V, RSOURCE = 50Ω, RLOAD = 100kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMP. (oC)
MIN
MAX
UNITS
Input Offset Voltage
VIO
VCM = 0V
1
25
-100
100
µV
2, 3
125, -55
-300
300
µV
Input Bias Current
IB
VCM = 0V,
RS = 10kΩ, 50Ω
1
25
-
80
nA
2, 3
125, -55
-
150
nA
Input Offset Current
IIO
VCM = 0V,
+RS = 10kΩ,
-RS = 10kΩ
1
25
-75
75
nA
2, 3
125, -55
-135
135
nA
Common Mode
Range
+CMR
V+ = +4.7V,
V- = -25.3V
1
25
10.3
-
V
2, 3
125, -55
10.3
-
V
-CMR
V+ = 25.3V,
V- = -4.7V
1
25
-
-10.3
V
2, 3
125, -55
-
-10.3
V
Large Signal Voltage
Gain
+AVOL
VOUT = 0V and +10V,
RL = 2kΩ
4
25
700
-
kV/V
5, 6
125, -55
300
-
kV/V
-AVOL
VOUT = 0V and -10V,
RL = 2kΩ
4
25
700
-
kV/V
5, 6
125, -55
300
-
kV/V
Common Mode
Rejection Ratio
+CMRR
∆VCM = +11V
1
25
100
-
dB
∆VCM = +10V
2, 3
125, -55
100
-
dB
-CMRR
∆VCM = -11V
1
25
100
-
dB
∆VCM = -10V
2, 3
125, -55
100
-
dB
+I
B
+-I
B
2
---------------------------


HA-5137/883


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn