Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HA-5137 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce HA-5137
Description  60MHz, Ultra Low Noise, Precision Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5137 Fiches technique(HTML) 5 Page - Intersil Corporation

  HA-5137 Datasheet HTML 1Page - Intersil Corporation HA-5137 Datasheet HTML 2Page - Intersil Corporation HA-5137 Datasheet HTML 3Page - Intersil Corporation HA-5137 Datasheet HTML 4Page - Intersil Corporation HA-5137 Datasheet HTML 5Page - Intersil Corporation HA-5137 Datasheet HTML 6Page - Intersil Corporation HA-5137 Datasheet HTML 7Page - Intersil Corporation HA-5137 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Die Characteristics
DIE DIMENSIONS:
104.3 x 65 x 19 mils
2650 x 1650 x 483
µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å
± 2kÅ
GLASSIVATION:
Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos.)
Silox Thickness: 12kÅ
± 2kÅ
Nitride Thickness: 3.5kÅ
± 1.5kÅ
WORST CASE CURRENT DENSITY:
3.6 x 105A/cm2 at 15mA
This device meets Glassivation Integrity Test Requirement
per MIL-STD-883 Method 2021 and MIL-I-38535 Paragraph
30.5.5.4.
SUBSTRATE POTENTIAL (Powered Up):
V-
TRANSISTOR COUNT:
63
PROCESS:
Bipolar Dielectric Isolation
Metallization Mask Layout
HA-5137/883
BAL
BAL
V+
OUT
NC
V-
+IN
-IN
HA-5137/883
Spec Number
511034-883


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn