Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA-5020 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce HA-5020
Description  100MHz Current Feedback Video Amplifier with Disable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5020 Fiches technique(HTML) 5 Page - Intersil Corporation

  HA-5020 Datasheet HTML 1Page - Intersil Corporation HA-5020 Datasheet HTML 2Page - Intersil Corporation HA-5020 Datasheet HTML 3Page - Intersil Corporation HA-5020 Datasheet HTML 4Page - Intersil Corporation HA-5020 Datasheet HTML 5Page - Intersil Corporation HA-5020 Datasheet HTML 6Page - Intersil Corporation HA-5020 Datasheet HTML 7Page - Intersil Corporation HA-5020 Datasheet HTML 8Page - Intersil Corporation HA-5020 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Open Loop DC Voltage Gain
RL = 100Ω,
VOUT = ±2.5V
25
50
-
-
dB
Full
45
-
-
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing (Note 14)
25 to 85
±2.5
±3.0
-
V
-40 to 0
±2.5
±3.0
-
V
Output Current
(Guaranteed by Output Voltage Test)
RL = 100Ω
25
±16.6
±20
-
mA
Full
±16.6
±20
-
mA
POWER SUPPLY CHARACTERISTICS
Quiescent Supply Current (Note 14)
Full
-
7.5
10
mA
Supply Current, Disabled (Note 14)
DISABLE = 0V
Full
-
5
7.5
mA
Disable Pin Input Current
DISABLE = 0V
Full
-
1.0
1.5
mA
Minimum Pin 8 Current to Disable (Note 16)
Full
350
-
-
µA
Maximum Pin 8 Current to Enable (Note 5)
Full
-
-
20
µA
AC CHARACTERISTICS (AV = +1)
Slew Rate (Note 17)
25
215
400
-
V/
µs
Full Power Bandwidth (Note 18)
25
22
28
-
MHz
Rise Time (Note 8)
25
-
6
-
ns
Fall Time (Note 8)
25
-
6
-
ns
Propagation Delay (Note 8)
25
-
6
-
ns
Overshoot
25
-
4.5
-
%
-3dB Bandwidth (Note 14)
VOUT = 100mV
25
-
125
-
MHz
Settling Time to 1%
2V Output Step
25
-
50
-
ns
Settling Time to 0.25%
2V Output Step
25
-
75
-
ns
AC CHARACTERISTICS (AV = +2, RF = 681Ω)
Slew Rate (Note 17)
25
-
475
-
V/
µs
Full Power Bandwidth (Note 18)
25
-
26
-
MHz
Rise Time (Note 8)
25
-
6
-
ns
Fall Time (Note 8)
25
-
6
-
ns
Propagation Delay (Note 8)
25
-
6
-
ns
Overshoot
25
-
12
-
%
-3dB Bandwidth (Note 14)
VOUT = 100mV
25
-
95
-
MHz
Settling Time to 1%
2V Output Step
25
-
50
-
ns
Settling Time to 0.25%
2V Output Step
25
-
100
-
ns
AC CHARACTERISTICS (AV = +10, RF = 383Ω)
Slew Rate (Note 17)
25
350
475
-
V/
µs
Full Power Bandwidth (Note 18)
25
28
38
-
MHz
Rise Time (Note 8)
25
-
8
-
ns
Fall Time (Note 8)
25
-
9
-
ns
Propagation Delay (Note 8)
25
-
9
-
ns
Overshoot
25
-
1.8
-
%
Electrical Specifications
V+ = +5V, V- = -5V, RF = 1kΩ, AV = +1, RL = 400Ω, CL ≤10pF, Unless Otherwise Specified.
Parameters are not tested. The limits are guaranteed based on lab characterizations, and reflect
lot-to-lot variation. (Continued)
PARAMETER
TEST CONDITIONS
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HA-5020


Numéro de pièce similaire - HA-5020

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
logo
Renesas Technology Corp
HA-5020 RENESAS-HA-5020 Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020 Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020/883 INTERSIL-HA-5020/883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
HA-5020883 INTERSIL-HA-5020883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
More results

Description similaire - HA-5020

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020883 INTERSIL-HA-5020883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
logo
Renesas Technology Corp
HA-5020 RENESAS-HA-5020 Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com