Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA-2840 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce HA-2840
Description  Very High Slew Rate, Wideband Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2840 Fiches technique(HTML) 2 Page - Intersil Corporation

  HA-2840 Datasheet HTML 1Page - Intersil Corporation HA-2840 Datasheet HTML 2Page - Intersil Corporation HA-2840 Datasheet HTML 3Page - Intersil Corporation HA-2840 Datasheet HTML 4Page - Intersil Corporation HA-2840 Datasheet HTML 5Page - Intersil Corporation HA-2840 Datasheet HTML 6Page - Intersil Corporation HA-2840 Datasheet HTML 7Page - Intersil Corporation HA-2840 Datasheet HTML 8Page - Intersil Corporation HA-2840 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3-204
Specifications HA-2840/883
Absolute Maximum Ratings
Thermal Information
Voltage between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 35V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Peak Output Current (
≤10% Duty Cycle) . . . . . . . . . . . . . . . . . 50mA
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175
oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
14 Lead CerDIP Package . . . . . . . . . . . .
81oC/W
26oC/W
8 Lead CerDIP Package . . . . . . . . . . . . .
115oC/W
30oC/W
Package Power Dissipation Limit at +75oC for TJ ≤ +175
oC
14 Lead CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . 1.23W
8 Lead CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.87W
Package Power Dissipation Derating Factor Above +75oC
14 Lead CerDIP Package . . . . . . . . . . . . . . . . . . . . . .12.3mW/oC
8 Lead CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . .8.7mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . ±12V to ±15V
VINCM ≤ 1/2 (V+ - V-)
RL ≥1kΩ
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±15V, RSOURCE = 100Ω, RLOAD = 100kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUP
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Offset Voltage
VIO
VCM = 0V
1
+25oC-2
2
mV
2, 3
+125oC, -55oC-6
6
mV
Input Bias Current
+IB
VCM = 0V, +RS = 1.1kΩ
-RS = 100Ω
1
+25oC
-14.5
14.5
µA
2, 3
+125oC, -55oC
-20
20
µA
-IB
VCM = 0V, +RS = 100Ω
-RS = 1.1kΩ
1
+25oC
-14.5
14.5
µA
2, 3
+125oC, -55oC
-20
20
µA
Input Offset Current
IIO
VCM = 0V, +RS = 1.1kΩ
-RS = 1.1kΩ
1
+25oC-4
4
µA
2, 3
+125oC, -55oC-8
8
µA
Common Mode Range
+CMR
V+ = 5V
V- = -25V
1
+25oC10
-
V
2, 3
+125oC, -55oC10
-
V
-CMR
V+ = 25V
V- = -5V
1
+25oC
-
-10
V
2, 3
+125oC, -55oC
-
-10
V
Large Signal Voltage
Gain
+AVOL
VOUT = 0V and +10V
RL = 1kΩ
4
+25oC
20
-
kV/V
5, 6
+125oC, -55oC
10
-
kV/V
-AVOL
VOUT = 0V and -10V
RL = 1kΩ
4
+25oC
20
-
kV/V
5, 6
+125oC, -55oC
10
-
kV/V
Common Mode
Rejection Ratio
+CMRR
∆V
CM = 10V,
VOUT = -10V
V+ = 5V, V- = -25V
1
+25oC75
-
dB
2, 3
+125oC, -55oC75
-
dB
-CMRR
∆V
CM = -10V,
VOUT = 10V
V+ = 25V, V- = -5V
1
+25oC75
-
dB
2, 3
+125oC, -55oC75
-
dB
Spec Number
511090-883


Numéro de pièce similaire - HA-2840

FabricantNo de pièceFiches techniqueDescription
logo
Harris Corporation
HA-2840 HARRIS-HA-2840 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2840 INTERSIL-HA-2840 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
More results

Description similaire - HA-2840

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Intersil Corporation
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2539 INTERSIL-HA-2539 Datasheet
613Kb / 8P
   600MHz, Very High Slew Rate Operational Amplifier
September 1998
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Harris Corporation
HA2840 HARRIS-HA2840 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2839 HARRIS-HA-2839 Datasheet
140Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com