Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HA-2541 Datasheet(Fiches technique) 5 Page - Intersil Corporation

Numéro de pièce HA-2541
Description  40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2541 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-2541 Datenblatt HTML 1Page - Intersil Corporation HA-2541 Datenblatt HTML 2Page - Intersil Corporation HA-2541 Datenblatt HTML 3Page - Intersil Corporation HA-2541 Datenblatt HTML 4Page - Intersil Corporation HA-2541 Datasheet HTML 5Page - Intersil Corporation HA-2541 Datenblatt HTML 6Page - Intersil Corporation HA-2541 Datenblatt HTML 7Page - Intersil Corporation HA-2541 Datenblatt HTML 8Page - Intersil Corporation HA-2541 Datenblatt HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Typical Applications (Also see Application Note AN550)
Application 1
High power amplifiers and buffers are in use in a wide variety
of applications. Many times the ?high power? capability is
needed to drive large capacitive loads as well as low value
resistive loads. In both cases the final driver stage is usually a
power transistor of some type, but because of their inherently
low gain, several stages of pre-drivers are often required. The
HA-2541, with its 10mA output rating, is powerful enough to
drive a power transistor without additional stages of current
amplification. This capability is well demonstrated with the
high power buffer circuit in Figure 3.
The HA-2541 acts as the pre-driver to the output power
transistor. Together, they form a unity gain buffer with the
ability to drive three 50
? coaxial cables in parallel, each with
a capacitance of 2000pF. The total combined load is 16.6
?
and 6000pF capacitance.
Application 2
VIDEO
One of the primary uses of the HA-2541 is in the area of
video
applications.
These
applications
include
signal
construction, synchronization addition and removal, as well
as signal modi?cation. A wide bandwidth device such as the
HA-2541 is well suited for use in this class of ampli?er. This,
however, is a more involved group of applications than
ordinary ampli?er applications since video signals contain
precise DC levels which must be retained.
The addition of a clamping circuit restores DC levels at the
output of an ampli?er stage. The circuit shown in Figure 4
utilizes the HA-5320 sample and hold ampli?er as the DC
clamp. Also shown is a 3.57MHz trap in series, which will
block the color burst portion of the video signal and allow the
DC level to be ampli?ed and restored.
Suggested Offset Voltage Adjustment
D2
HP2835
LOAD 16.6
?; 6000pF
OR 12.5
?; 6000pF
D1
HP2835
+
HA-2541
-
R3
100
?
50
?
R1
R2
1k
?
2N5886
532pF
D3
FIGURE 3. DRIVING POWER TRANSISTORS TO GAIN
ADDITIONAL CURRENT BOOSTING
HA-2541
1k
?
1k
?
1k
?
1k
?
1k
?
75
?
3.57MHz
TRAP
FIGURE 4. VIDEO DC RESTORER
NC
NC
BAL
-IN
+IN
V-
NC
NC
NC
BAL
V+
OUT
NC
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
NOTE: Tested Offset Adjustment Range is |VOS + 1mV|
minimum referred to output. Typical range is
15mV for
RT = 5k?.
RT
HA-2541


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn