Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA-2540 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce HA-2540
Description  400MHz, Fast Settling Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2540 Fiches technique(HTML) 5 Page - Intersil Corporation

  HA-2540 Datasheet HTML 1Page - Intersil Corporation HA-2540 Datasheet HTML 2Page - Intersil Corporation HA-2540 Datasheet HTML 3Page - Intersil Corporation HA-2540 Datasheet HTML 4Page - Intersil Corporation HA-2540 Datasheet HTML 5Page - Intersil Corporation HA-2540 Datasheet HTML 6Page - Intersil Corporation HA-2540 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Typical Performance Curves
FIGURE 5. CLOSED LOOP FREQUENCY RESPONSE
FIGURE 6. OUTPUT VOLTAGE SWING vs FREQUENCY
FIGURE 7. OUTPUT VOLTAGE SWING vs LOAD RESISTANCE
FIGURE 8. NORMALIZED AC PARAMETERS vs TEMPERATURE
FIGURE 9. SETTLING TIME FOR VARIOUS OUTPUT STEP
VOLTAGES
FIGURE 10. POWER SUPPLY CURRENT vs TEMPERATURE
FREQUENCY (Hz)
100
1K
10K
100K
1M
10M
100M
-10
10
30
40
50
60
70
80
90
100
0
20
FREQUENCY (Hz)
1K
10K
100K
1M
10M
100M
0
4
8
12
16
20
24
28
VS = ±15V
VS = ±10V
VS = ±5V
RESISTANCE (
Ω)
0
200
400
600
800
1K
1.2K
0
4
8
12
16
24
28
20
TEMPERATURE (oC)
-80
-40
0
40
80
120
160
SLEW RATE
BANDWIDTH
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
SETTLING TIME (ns)
080
40
120
160
200
240
-10
-8
-6
-4
-2
2
4
6
8
10
10mV
1mV
10mV
1mV
0
TEMPERATURE (oC)
-80
-40
0
40
80
120
160
0
4
8
12
16
24
28
20
VS = ±15V
VS = ±5V
HA-2540


Numéro de pièce similaire - HA-2540

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
More results

Description similaire - HA-2540

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Renesas Technology Corp
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
   150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Elantec Semiconductor
EL2195 ELANTEC-EL2195 Datasheet
510Kb / 9P
   Wideband Fast Settling Operational Amplifier
logo
Burr-Brown (TI)
OPA600 BURR-BROWN-OPA600 Datasheet
103Kb / 9P
   Fast-Settling Wideband OPERATIONAL AMPLIFIER
logo
Cadeka Microcircuits LL...
KH200 CADEKA-KH200 Datasheet
438Kb / 5P
   Fast Settling, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com