Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8565 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8565
Description  16 V Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8565 Fiches technique(HTML) 3 Page - Analog Devices

  AD8565_15 Datasheet HTML 1Page - Analog Devices AD8565_15 Datasheet HTML 2Page - Analog Devices AD8565_15 Datasheet HTML 3Page - Analog Devices AD8565_15 Datasheet HTML 4Page - Analog Devices AD8565_15 Datasheet HTML 5Page - Analog Devices AD8565_15 Datasheet HTML 6Page - Analog Devices AD8565_15 Datasheet HTML 7Page - Analog Devices AD8565_15 Datasheet HTML 8Page - Analog Devices AD8565_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8565/AD8566/AD8567
Rev. G | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
4.5 V ≤ VS ≤ 16 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
2
10
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +85°C
5
µV/°C
Input Bias Current
IB
80
600
nA
−40°C ≤ TA ≤ +85°C
800
nA
Input Offset Current
IOS
1
80
nA
−40°C ≤ TA ≤ +85°C
130
nA
Input Voltage Range
Common-mode input
−0.5
VS + 0.5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to VS, −40°C ≤ TA ≤ +85°C
54
95
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.5 V to (VS − 0.5 V)
3
10
V/mV
Input Impedance
ZIN
400
kΩ
Input Capacitance
CIN
1
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 100 µA
VS − 0.005
V
VS = 16 V, IL = 5 mA
15.85
15.95
V
−40°C ≤ TA ≤ +85°C
15.75
V
VS = 4.5 V, IL = 5 mA
4.2
4.38
V
−40°C ≤ TA ≤ +85°C
4.1
V
Output Voltage Low
VOL
IL = 100 µA
5
mV
VS = 16 V, IL = 5 mA
42
150
mV
−40°C ≤ TA ≤ +85°C
250
mV
VS = 4.5 V, IL = 5 mA
95
300
mV
−40°C ≤ TA ≤ +85°C
400
mV
Continuous Output Current
IOUT
35
mA
Peak Output Current
IPK
VS = 16 V
250
mA
POWER SUPPLY
Supply Voltage
VS
4.5
16
V
Power Supply Rejection Ratio
PSRR
VS = 4 V to 17 V, −40°C ≤ TA ≤ +85°C
70
90
dB
Supply Current/Amplifier
ISY
VO = VS/2, no load
700
850
µA
−40°C ≤ TA ≤ +85°C
1
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 200 pF
4
6
V/µs
Gain Bandwidth Product
GBP
RL = 10 kΩ, CL = 10 pF
5
MHz
Phase Margin
Øm
RL = 10 kΩ, CL = 10 pF
65
Degrees
Channel Separation
75
dB
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
26
nV/√Hz
en
f = 10 kHz
25
nV/√Hz
Current Noise Density
in
f = 10 kHz
0.8
pA/√Hz


Numéro de pièce similaire - AD8565_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
More results

Description similaire - AD8565_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
   10 MHz rail-to-rail CMOS 16 V operational amplifiers
January 2016 Rev 4
logo
Analog Devices
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com