Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA-2400 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce HA-2400
Description  40MHz, PRAM Four Channel Programmable Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2400 Fiches technique(HTML) 1 Page - Intersil Corporation

  HA-2400 Datasheet HTML 1Page - Intersil Corporation HA-2400 Datasheet HTML 2Page - Intersil Corporation HA-2400 Datasheet HTML 3Page - Intersil Corporation HA-2400 Datasheet HTML 4Page - Intersil Corporation HA-2400 Datasheet HTML 5Page - Intersil Corporation HA-2400 Datasheet HTML 6Page - Intersil Corporation HA-2400 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3-161
Features
• Programmability
• High Rate Slew . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V/
µs
• Wide Gain Bandwidth . . . . . . . . . . . . . . . . . . . . . 40MHz
• High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150kV/V
• Low Offset Current . . . . . . . . . . . . . . . . . . . . . . . . . .5nA
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . 30M
• Single Capacitor Compensation
• DTL/TTL Compatible Inputs
Applications
• Thousands of Applications; Program
- Signal Selection/Multiplexing
- Operational Amplifier Gain
- Oscillator Frequency
- Filter Characteristics
- Add-Subtract Functions
- Integrator Characteristics
- Comparator Levels
Description
THA-2400/04/05
comprise
a
series
of
four-channel
programmable amplifiers providing a level of versatility
unsurpassed by any other monolithic operational amplifier.
Versatility is achieved by employing four input amplifier
channels, any one (or none) of which may be electronically
selected and connected to a single output stage through
DTL/TTL compatible address inputs. The device formed by
the output and the selected pair of inputs is an op amp which
delivers excellent slew rate, gain bandwidth and power
bandwidth performance. Other advantageous features for
these dielectrically isolated amplifiers include high voltage
gain and input impedance coupled with low input offset
voltage and offset current. External compensation is not
required on this device at closed loop gains greater than 10.
Each channel of the HA-2400/04/05 can be controlled and
operated with suitable feedback networks in any of the
standard op amp configurations. This specialization makes
these amplifiers excellent components for multiplexing signal
selection and mathematical function designs. With 30V/
µs
slew
rate,
40MHz
gain
bandwidth
and
30M
Ω input
impedance these devices are ideal building blocks for signal
generators, active filters and data acquisition designs.
Programmability, coupled with 4mV typical offset voltage and
5nA offset current, makes these amplifiers outstanding
components for signal conditioning circuits.
During Disable Mode VOUT goes to V-. For high output
impedance during Disable, see HA2444.
For further design ideas, see Application Note AN514.
Pinout
HA-2400/04 (CERDIP)
HA-2405 (CERDIP, PDIP)
TOP VIEW)
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA1-2400-2
-55 to 125
16 Ld CERDIP
F16.3
HA1-2404-4
-25 to 85
16 Ld CERDIP
F16.3
HA1-2405-5
0 to 75
16 Ld CERDIP
F16.3
HA3-2405-5
0 to 75
16 Ld PDIP
E16.3
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
3
OUTPUT AMP
ENABLE
D0
D1
GND
COMP
V+
OUT
V-
4
1
2
+IN3
-IN3
+IN4
-IN4
-IN1
+IN1
+IN2
-IN2
3
DECODE
CONTROL
+
-
+
-
+
-
+
-
TRUTH TABLE
D1
D0
EN
SELECTED CHANNEL
D1
LL
H
1
L
LH
H
2
L
HLH
3
H
HHH
4
H
X
X
L
None, VOUT goes to V-
X
November 1996
HA-2400, HA-2404,
HA-2405
40MHz, PRAM Four Channel
Programmable Amplifiers
File Number
2891.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Numéro de pièce similaire - HA-2400

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-2404 INTERSIL-HA-2404 Datasheet
304Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
logo
Renesas Technology Corp
HA-2404 RENESAS-HA-2404 Datasheet
546Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
August 2003
logo
Intersil Corporation
HA-2406 INTERSIL-HA-2406 Datasheet
103Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
April 1999
HA-2406 INTERSIL-HA-2406 Datasheet
336Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
logo
Renesas Technology Corp
HA-2406 RENESAS-HA-2406 Datasheet
511Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
More results

Description similaire - HA-2400

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-2404 INTERSIL-HA-2404 Datasheet
304Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
logo
Renesas Technology Corp
HA-2404 RENESAS-HA-2404 Datasheet
546Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
August 2003
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
logo
Texas Instruments
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com