Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8531 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8531
Description  Single-Supply Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8531 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8531_15 Datasheet HTML 3Page - Analog Devices AD8531_15 Datasheet HTML 4Page - Analog Devices AD8531_15 Datasheet HTML 5Page - Analog Devices AD8531_15 Datasheet HTML 6Page - Analog Devices AD8531_15 Datasheet HTML 7Page - Analog Devices AD8531_15 Datasheet HTML 8Page - Analog Devices AD8531_15 Datasheet HTML 9Page - Analog Devices AD8531_15 Datasheet HTML 10Page - Analog Devices AD8531_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8531/AD8532/AD8534
Rev. F | Page 7 of 20
SOURCE
SINK
LOAD CURRENT (mA)
1000
100
10
1
0.01
0.1
0.001
0.01
0.1
1
10
100
VS = 2.7V
TA = 25°C
Figure 12. Output Voltage to Supply Rail vs. Load Current
LOAD CURRENT (mA)
1000
100
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
VS = 5V
TA = 25°C
SINK
SOURCE
Figure 13. Output Voltage to Supply Rail vs. Load Current
FREQUENCY (Hz)
80
60
40
20
0
45
90
135
180
1k
10k
100k
1M
10M
100M
VS = 2.7V
RL = NO LOAD
TA = 25°C
Figure 14. Open-Loop Gain and Phase Shift vs. Frequency
FREQUENCY (Hz)
80
60
40
20
0
45
90
135
180
1k
10k
100k
1M
10M
100M
VS = 5V
RL = NO LOAD
TA = 25°C
Figure 15. Open-Loop Gain and Phase Shift vs. Frequency
FREQUENCY (Hz)
5
4
3
1
2
0
1k
10k
100k
1M
10M
VS = 2.7V
TA = 25°C
RL = 2kΩ
VIN = 2.5V p-p
Figure 16. Closed-Loop Output Swing vs. Frequency
FREQUENCY (Hz)
5
4
3
1
2
0
1k
10k
100k
1M
10M
VS = 5V
TA = 25°C
RL = 2kΩ
VIN = 4.9V p-p
Figure 17. Closed-Loop Output Swing vs. Frequency


Numéro de pièce similaire - AD8531_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8531AKS AD-AD8531AKS Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8531AKS-R2 AD-AD8531AKS-R2 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8531AKS-REEL7 AD-AD8531AKS-REEL7 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8531AKSZ-R2 AD-AD8531AKSZ-R2 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8531AKSZ-REEL7 AD-AD8531AKSZ-REEL7 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
More results

Description similaire - AD8531_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8532 AD-AD8532_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
AD8626 AD-AD8626_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8627 AD-AD8627_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Analog Devices
AD8625 AD-AD8625_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com