Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD1048-X7-HF Datasheet(Fiches technique) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numéro de pièce 2SD1048-X7-HF
Description  NPN Transistors
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1048-X7-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1048-X7-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1048-X7-HF Datenblatt HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1048-X7-HF Datenblatt HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
Features
Large current capacity (IC=0.7A) and low-saturation voltage.
Complimentary to 2SB815-HF
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
20
Collector - Emitter Voltage
VCEO
15
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
700
mA
Collector Current - Pulse
ICP
1.5
A
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
125
Storage Temperature Range
Tstg
-55 to 125
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
20
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
15
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 15 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
0.1
IC=5 mA, IB=0.5mA
10
25
IC=100 mA, IB=10mA
30
80
Base - emitter saturation voltage
VBE(sat) IC=100 mA, IB=10mA
1.2
V
hFE(1)
VCE= 2V, IC= 50mA
200
900
hFE(2)
VCE= 2V, IC= 500mA
80
Collector output capacitance
Cob
VCB= 10V, IE=0,f=1MHz
8
pF
Transition frequency
fT
VCE= 10V, IC= 50mA
250
MHz
DC current gain
V
uA
Collector-emitter saturation voltage
VCE(sat)
mV
Classification of hfe(1)
Type
2SD1048-X6-HF 2SD1048-X7-HF 2SD1048-X8-HF
Range
200-400
300-600
450-900
Marking
X6 F
X7 F
X8 F
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
NPN Transistors
2SD1048-HF


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn