Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8387 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8387
Description  High Performance, 12-Bit, 12-Channel
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8387 Fiches technique(HTML) 1 Page - Analog Devices

  AD8387_15 Datasheet HTML 1Page - Analog Devices AD8387_15 Datasheet HTML 2Page - Analog Devices AD8387_15 Datasheet HTML 3Page - Analog Devices AD8387_15 Datasheet HTML 4Page - Analog Devices AD8387_15 Datasheet HTML 5Page - Analog Devices AD8387_15 Datasheet HTML 6Page - Analog Devices AD8387_15 Datasheet HTML 7Page - Analog Devices AD8387_15 Datasheet HTML 8Page - Analog Devices AD8387_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Performance, 12-Bit, 12-Channel
Decimating, LCD DecDriver®
AD8387
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
High accuracy, high-resolution voltage outputs
1 mV channel matching
12-bit input resolution
Laser-trimmed outputs
Fast settling, high voltage drive
35 ns settling time to 0.25% into 150 pF load
Slew rate 420 V/μs
Outputs to within 1.3 V of supply rails
High update rates
Fast, 110 MHz clock
Programmable video reference (brightness) and
full-scale (contrast) output levels
Flexible logic
INV bit reverses polarity of video signal
R/L reverses loading order of data
ISW selects frame/row or column/dot inversion
DSW selects single or dual data bus mode
Output short-circuit protection
3.3 V logic, 11 V to 18 V analog supplies
Available in 80-lead, 12 mm × 12 mm, TQFP E-pad
APPLICATIONS
LCD microdisplay driver
FUNCTIONAL BLOCK DIAGRAM
DBA(0:11)
VID0
VID1
VID10
VID11
DBB(0:11)
BYP
TSW
GSW
DSW
CLK
XFR
R/L
VRL
VRH
ISW
INV
TWO-STAGE
LATCH
TWO-STAGE
LATCH
TWO-STAGE
LATCH
TWO-STAGE
LATCH
SCALING
CONTROL
DAC
DAC
DAC
DAC
SEQUENCE
CONTROL
THERMAL
SWITCH
BIAS
G-MODE
SWITCH
12
12
12
12
12
12
12
12
12
12
AD8387
Figure 1.
GENERAL DESCRIPTION
The AD8387 DecDriver provides dual, fast latched, 12-bit
decimating input, which drives 12 high voltage outputs. Twelve-
bit input words are loaded into 12 separate high speed, bipolar
DACs sequentially. Flexible digital input format allows more
than one AD8387 to be used in parallel for higher resolution
displays. The output signal can be adjusted for dc reference,
signal inversion, and contrast for maximum flexibility.
The AD8387 is fabricated on ADI’s fast bipolar, 26 V XFCB
process, providing fast input logic, bipolar DACs with trimmed
accuracy and fast settling, high voltage, precision drive
amplifiers on the same chip.
The AD8387 dissipates 1.34 W nominal static power. The
AD8387 is offered in an 80-lead TQFP E-pad package and
operates over the commercial temperature range of 0°C to
+85°C.
5
0
0
INTERNAL AMBIENT TEMPERATURE (
°C)
4
3
2
1
10
20
30
40
50
60
70
80
NORMAL PROJECTOR OPERATING
TEMPERATURE RANGE
CODE 4095
CODE 0
CODE 2048
Figure 2. Channel Matching vs. Temperature


Numéro de pièce similaire - AD8387_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8387-EB AD-AD8387-EB Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8387JSVZ AD-AD8387JSVZ Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
More results

Description similaire - AD8387_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8382 AD-AD8382_15 Datasheet
927Kb / 24P
   High Performance 12-Bit, 6-Channel Output
REV. 0
ADAU1962A AD-ADAU1962A Datasheet
1Mb / 48P
   12-Channel, High Performance, DAC
AD9752 AD-AD9752_15 Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance
REV. 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
ADAU1962 AD-ADAU1962 Datasheet
690Kb / 48P
   12-Channel, High Performance Differential Output DAC
logo
DATEL, Inc.
DAC-88 DATEL-DAC-88 Datasheet
216Kb / 6P
   High-Performance, 12-Bit DACs with Input Registers
logo
List of Unclassifed Man...
DAC-HK12BMM ETC-DAC-HK12BMM Datasheet
192Kb / 4P
   HIGH PERFORMANCE 12 BIT DAC WITH INPUT REGISTERS
logo
Intersil Corporation
KAD5512HP-25Q72 INTERSIL-KAD5512HP-25Q72 Datasheet
935Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
October 1, 2009
logo
Renesas Technology Corp
KAD5512HP RENESAS-KAD5512HP Datasheet
1Mb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com