Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8380 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8380
Description  Fast, High-Voltage Drive, 6-Channel Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8380 Fiches technique(HTML) 1 Page - Analog Devices

  AD8380_15 Datasheet HTML 1Page - Analog Devices AD8380_15 Datasheet HTML 2Page - Analog Devices AD8380_15 Datasheet HTML 3Page - Analog Devices AD8380_15 Datasheet HTML 4Page - Analog Devices AD8380_15 Datasheet HTML 5Page - Analog Devices AD8380_15 Datasheet HTML 6Page - Analog Devices AD8380_15 Datasheet HTML 7Page - Analog Devices AD8380_15 Datasheet HTML 8Page - Analog Devices AD8380_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8380
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Fast, High-Voltage Drive, 6-Channel Output
DecDriverDecimating LCD Panel Driver
FUNCTIONAL BLOCK DIAGRAM
DAC
10
VID1
10
DAC
10
10
VID0
DAC
10
VID2
10
DAC
10
VID3
10
DAC
2-STAGE
LATCH
10
VID4
10
DAC
10
VID5
10
CHANNEL
SELECTOR
R/
L
2-STAGE
LATCH
2-STAGE
LATCH
2-STAGE
LATCH
2-STAGE
LATCH
2-STAGE
LATCH
10
BIAS
SCALING
CONTROL
DB [0:9]
CLK
STSQ/CS
XFR
E/
O
A[0:2]
STBY
BYP
VREFHI
VREFLO
INV
VMID
AD8380
3
FEATURES
High-Voltage Drive to Within 1.3 V of Supply Rails
24 V Supply for Fast Output Voltage Drivers
High Update Rates: Fast 75 Ms/s 10-Bit Input Word Rate
Low Power Dissipation, 550 mW with Power-Down
Voltage Controlled Video Reference and Full-Scale
(Contrast) Output Levels
INV Bit Reverses Polarity of Video Signal
Nominal 3.3 V Logic and 15 V Analog Supplies
Flexible Logic
Addressable or Sequential Channel Loading
STSQ/CS Allow Parallel AD8380 Operation for XGA
and Greater Resolution
Drives Capacitive Loads
26 ns Settling Time to 1% Up to 150 pF Load
Slew Rate 270 V/ s
Available in 44-Lead MQFP
APPLICATIONS
Poly Si LCD Panel Analog Column Driver
PRODUCT DESCRIPTION
The AD8380 provides a fast, 10-bit latched decimating digital
input that drives 6-channel high voltage drive outputs. The 10-
bit input word is sequentially muxed into six separate high speed,
bipolar DACs. Flexible digital input formats allow several
AD8380s to be used in parallel for higher resolution displays.
STSQ/CS, in conjunction with 3-bit addressable channel-loading
pins, allows loading of the digital words either sequentially or
randomly, and R/
L control sets loading as either left to right, or
vice versa. 6-channel high voltage output drivers drive to within
1.3 V of the rails to rated settling time. The output signal can be
adjusted for dc signal reference, signal inversion or contrast for
maximum flexibility.
The AD8380 is fabricated on ADI’s XFCB26 fast bipolar 26 V
process, providing fast input logic, trimmed accuracy bipolar
DACs and fast settling, high voltage precision drive amplifiers
on the same chip.
The AD8380 dissipates nominally 0.55 W of static power. STBY
pin reduces power to a minimum, with fast recovery.
The AD8380 is offered in a 44-lead 10
× 10 × 2.0 mm MQFP
package and operates over the commercial temperature range of
0
°C to 85°C.
DecDriver is a trademark of Analog Devices, Inc.


Numéro de pièce similaire - AD8380_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8380JS AD-AD8380JS Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
More results

Description similaire - AD8380_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8381 AD-AD8381_15 Datasheet
358Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output
REV. B
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8381 AD-AD8381 Datasheet
528Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriverTM Decimating LCD Panel Driver
REV. 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
logo
Fairchild Semiconductor
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
   6-Channel Motor Drive IC
KA3030D FAIRCHILD-KA3030D Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
logo
Shenzhen Putianhe Techn...
TM1831 PTH-TM1831 Datasheet
196Kb / 7P
   6 channel LED drive IC
logo
Analog Devices
AD8382 AD-AD8382_15 Datasheet
927Kb / 24P
   High Performance 12-Bit, 6-Channel Output
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com