Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8369 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8369
Description  45 dB Digitally Controlled VGA LF to 600 MHz
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8369 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8369_15 Datasheet HTML 2Page - Analog Devices AD8369_15 Datasheet HTML 3Page - Analog Devices AD8369_15 Datasheet HTML 4Page - Analog Devices AD8369_15 Datasheet HTML 5Page - Analog Devices AD8369_15 Datasheet HTML 6Page - Analog Devices AD8369_15 Datasheet HTML 7Page - Analog Devices AD8369_15 Datasheet HTML 8Page - Analog Devices AD8369_15 Datasheet HTML 9Page - Analog Devices AD8369_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. 0
–6–
AD8369
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
12
11
9
10
14
AD8369
INLO
COMM
BIT0
BIT1
BIT2
BIT3
DENB
OPLO
OPHI
CMDC
FILT
SENB
VPOS
PWUP
COMM
INHI
13
TOP VIEW
(Not To Scale)
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
INLO
Balanced Differential Input. Internally biased, should be ac-coupled.
2
COMM
Device Common. Connect to low impedance ground.
3
BIT0
Gain Selection Least Significant Bit. Used as DATA input signal when in serial mode of operation.
4
BIT1
Gain Selection Control Bit. Used as CLOCK input pin when in serial mode of operation.
5
BIT2
Gain Selection Control Bit. Inactive when in serial mode of operation.
6
BIT3
Gain Selection Most Significant Bit. Inactive when in serial mode of operation.
7
DENB
Data Enable Pin. Writes data to register. See Timing Specifications for details.
8
OPLO
Balanced Differential Output. Biased to midsupply, should be ac-coupled.
9
OPHI
Balanced Differential Output. Biased to midsupply, should be ac-coupled.
10
CMDC
Common-Mode Decoupling Pin. Connect bypass capacitor to ground for additional common-mode supply
decoupling beyond the existing internal decoupling.
11
FILT
High-Pass Filter Connection. Used to set high-pass corner frequency.
12
SENB
Serial or Parallel Interface Select. Connect SENB to VPOS for serial operation. Connect SENB to COMM
for parallel operation.
13
VPOS
Positive Supply Voltage, VS = +3 V to +5.5 V.
14
PWUP
Power-Up Pin. Connect PWUP to VPOS to power up the device. Connect PWUP to COMM to power-down.
15
COMM
Device Common. Connect to a low impedance ground.
16
INHI
Balanced Differential Input. Internally biased, should be ac-coupled.


Numéro de pièce similaire - AD8369_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
More results

Description similaire - AD8369_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8369 AD-AD8369 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369ARUZ AD-AD8369ARUZ Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370 AD-AD8370_05 Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com