Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8354 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8354
Description  1 MHz to 2.7 GHz RF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8354 Fiches technique(HTML) 1 Page - Analog Devices

  AD8354_15 Datasheet HTML 1Page - Analog Devices AD8354_15 Datasheet HTML 2Page - Analog Devices AD8354_15 Datasheet HTML 3Page - Analog Devices AD8354_15 Datasheet HTML 4Page - Analog Devices AD8354_15 Datasheet HTML 5Page - Analog Devices AD8354_15 Datasheet HTML 6Page - Analog Devices AD8354_15 Datasheet HTML 7Page - Analog Devices AD8354_15 Datasheet HTML 8Page - Analog Devices AD8354_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 MHz to 2.7 GHz
RF Gain Block
Data Sheet
AD8354
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fixed gain of 20 dB
Operational frequency of 1 MHz to 2.7 GHz
Linear output power up to 4 dBm
Input/output internally matched to 50 Ω
Temperature and power supply stable
Noise figure: 4.2 dB
Power supply: 3 V or 5 V
APPLICATIONS
VCO buffers
General Tx/Rx amplification
Power amplifier predrivers
Low power antenna drivers
FUNCTIONAL BLOCK DIAGRAM
AD8354
BIAS AND VREF
INPT
VPOS
VOUT
COM2
COM1
Figure 1.
GENERAL DESCRIPTION
The AD8354 is a broadband, fixed-gain, linear amplifier that
operates at frequencies from 1 MHz up to 2.7 GHz. It is
intended for use in a wide variety of wireless devices, including
cellular, broadband, CATV, and LMDS/MMDS applications.
By taking advantage of ADI’s high performance, complementary Si
bipolar process, these gain blocks provide excellent stability
over process, temperature, and power supply. This amplifier is
single-ended and internally matched to 50 Ω with a return loss
of greater than 10 dB over the full operating frequency range.
The AD8354 provides linear output power of nearly 4.3 dBm
with 20 dB of gain at 900 MHz when biased at 3 V and an
external RF choke is connected between the power supply and
the output pin. The dc supply current is 24 mA. At 900 MHz,
the output third-order intercept (OIP3) is greater than 18 dBm;
at 2.7 GHz, the OIP3 is 14 dBm.
The noise figure is 4.2 dB at 900 MHz. The reverse isolation
(S12) is −33 dB at 900 MHz.
The AD8354 can also operate with a 5 V power supply; in
which case, no external inductor is required. Under these
conditions, the AD8354 delivers 4.88 dBm with 20 dB of gain
at 900 MHz. The dc supply current is 26 mA. At 900 MHz, the
OIP3 is greater than 19 dBm; at 2.7 GHz, the OIP3 is 15 dBm.
The noise figure is 4.4 dB at 900 MHz. The reverse isolation
(S12) is −33 dB.
The AD8354 is fabricated on ADI’s proprietary, high performance,
25 GHz, Si complementary, bipolar IC process. The AD8354 is
available in a chip scale package that uses an exposed paddle for
excellent thermal impedance and low impedance electrical
connection to ground. It operates over a −40°C to +85°C
temperature range, and an evaluation board is also available.


Numéro de pièce similaire - AD8354_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8354 AD-AD8354_17 Datasheet
364Kb / 16P
   RF Gain Block
More results

Description similaire - AD8354_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8353 AD-AD8353 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com