Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8349 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8349
Description  700 MHz to 2700 MHz Quadrature Modulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8349 Fiches technique(HTML) 5 Page - Analog Devices

  AD8349_15 Datasheet HTML 1Page - Analog Devices AD8349_15 Datasheet HTML 2Page - Analog Devices AD8349_15 Datasheet HTML 3Page - Analog Devices AD8349_15 Datasheet HTML 4Page - Analog Devices AD8349_15 Datasheet HTML 5Page - Analog Devices AD8349_15 Datasheet HTML 6Page - Analog Devices AD8349_15 Datasheet HTML 7Page - Analog Devices AD8349_15 Datasheet HTML 8Page - Analog Devices AD8349_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD8349
Rev. B | Page 5 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage VPOS
5.5 V
IBBP, IBBN, QBBP, QBBN
0 V, 2.5 V
LOIP and LOIN
10 dBm
Internal Power Dissipation
800 mW
θJA (Exposed Paddle Soldered Down)
30°C/W
Maximum Junction Temperature
125°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
tresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Numéro de pièce similaire - AD8349_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8349ARE AD-AD8349ARE Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349ARE-REEL7 AD-AD8349ARE-REEL7 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results

Description similaire - AD8349_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
logo
Analog Devices
ADRF6807 AD-ADRF6807 Datasheet
1,004Kb / 36P
   700 MHz to 1050 MHz Quadrature
REV. B
logo
Hittite Microwave Corpo...
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com