Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8344 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8344
Description  Active Receive Mixer 400 MHz to 1.2 GHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8344 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8344_15 Datasheet HTML 7Page - Analog Devices AD8344_15 Datasheet HTML 8Page - Analog Devices AD8344_15 Datasheet HTML 9Page - Analog Devices AD8344_15 Datasheet HTML 10Page - Analog Devices AD8344_15 Datasheet HTML 11Page - Analog Devices AD8344_15 Datasheet HTML 12Page - Analog Devices AD8344_15 Datasheet HTML 13Page - Analog Devices AD8344_15 Datasheet HTML 14Page - Analog Devices AD8344_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8344
Rev. 0 | Page 11 of 20
25
20
15
10
5
0
100
95
90
85
80
75
70
65
60
55
50
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
RBIAS (kΩ)
NOISE FIGURE
INPUT IP3
CURRENT
Figure 23. Noise Figure, Input IP3 and Supply Current vs. RBIAS, FRF1 = 890 MHz,
FRF2 = 891 MHz, FLO = 1090 MHz
14
13
12
11
10
9
8
7
6
400
500
600
700
800
900
1000
1100
1200
RF FREQUENCY (MHz)
IF = 70
IF = 100
IF = 200
IF = 400
Figure 24. Noise Figure vs. RF Frequency
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
–15
–13
–11
–9–7–5–3–1
1
3
5
LO POWER (dBm)
Figure 25. Noise Figure vs. LO Power, FRF = 890 MHz, FLO = 1090 MHz
14
–2
0
2
4
6
8
10
12
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
RBIAS (kΩ)
Figure 26. Input P1dB vs. RBIAS, FRF = 890 MHz, FLO = 1090 MHz
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
70
100
150
200
250
300
350
400
IF FREQUENCY (MHz)
890MHz
450MHz
Figure 27. Noise Figure vs. IF Frequency
100
95
90
85
80
75
70
65
60
–40
80
70
60
50
40
30
20
10
0
–10
–20
–30
TEMPERATURE (
°C)
VS = 4.75V
VS = 5.0V
VS = 5.25V
Figure 28. Total Supply Current vs. Temperature


Numéro de pièce similaire - AD8344_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8344-EVAL AD-AD8344-EVAL Datasheet
429Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
AD8344ACPZ-REEL7 AD-AD8344ACPZ-REEL7 Datasheet
429Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
AD8344ACPZ-WP AD-AD8344ACPZ-WP Datasheet
429Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
More results

Description similaire - AD8344_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8344 AD-AD8344 Datasheet
429Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
AD8342 AD-AD8342 Datasheet
538Kb / 20P
   Active Receive Mixer LF to 500 MHz
REV. 0
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
   800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
   1700 - 2300 MHz High Linearity Active Receive Mixer
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
   800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
   2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
Analog Devices
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
   High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
   1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
logo
Skyworks Solutions Inc.
SKY42068 SKYWORKS-SKY42068 Datasheet
424Kb / 8P
   400-1000 MHz High Dynamic Range Active Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com