Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1484 Fiches technique(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SA1484
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1484 Fiches technique(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1484_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1484_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1484_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
2SA1484
Typical Characterisitics
Emitter Cutoff Current vs.
Emitter to Base Voltage
Emitter to Base Voltage VEB (V)
0
–2
–4
–6
–8
–10
–0.1
–1.0
–10
–100
–1,000
Ta = 75。C
25
–25
IC = 0
Pulse
Collector to Emitter Breakdown Voltage vs.
Base to Emitter Resistance
Base to Emitter Resistance RBE (Ω)
10
100
1 k
10 k
100 k
–140
–150
–160
–170
–180
–190
Typical Value
IC = –1 mA
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
–1
–3
–10
–30
–100
10
30
100
300
1,000
Ta = 75。C
–25
VCE = –12 V
Pulse
25
Collector to Emitter Saturation Voltage vs.
Collector Current
Collector Current IC (mA)
–1
–3
–10
–30
–100
–0.01
–0.03
–0.1
–0.3
–1.0
Ta = 75。C
25
–25
IC = 10 IB
Pulse
Base to Emitter Saturation Voltage vs.
Collector Current
Collector Current IC (mA)
–1
–3
–10
–30
–100
–0.1
–0.3
–1.0
–3
–10
Ta = –25。C
25
75
IC = 10 IB
Pulse


Numéro de pièce similaire - 2SA1484_15

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SA1484 HITACHI-2SA1484 Datasheet
36Kb / 7P
   Silicon PNP Epitaxial
logo
Guangdong Kexin Industr...
2SA1484 KEXIN-2SA1484 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial
More results

Description similaire - 2SA1484_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com