Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8216 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD8216
Description  High Bandwidth, Bidirectional 65 V Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8216 Fiches technique(HTML) 2 Page - Analog Devices

  AD8216_15 Datasheet HTML 1Page - Analog Devices AD8216_15 Datasheet HTML 2Page - Analog Devices AD8216_15 Datasheet HTML 3Page - Analog Devices AD8216_15 Datasheet HTML 4Page - Analog Devices AD8216_15 Datasheet HTML 5Page - Analog Devices AD8216_15 Datasheet HTML 6Page - Analog Devices AD8216_15 Datasheet HTML 7Page - Analog Devices AD8216_15 Datasheet HTML 8Page - Analog Devices AD8216_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8216
Data Sheet
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
ESD Caution.................................................................................. 4
 
Pin Configuration and Function Descriptions............................. 5
 
Typical Performance Characteristics ............................................. 6
 
Theory of Operation ...................................................................... 10
 
Output Offset Adjustment............................................................. 11
 
Unidirectional Operation.......................................................... 11
 
Ground Referenced Output ...................................................... 11
 
V+ Referenced Output .............................................................. 11
 
Bidirectional Operation............................................................. 11
 
External ReferenceD Output .................................................... 12
 
Splitting the Supply .................................................................... 12
 
Splitting an External Reference ................................................ 12
 
Applications Information .............................................................. 13
 
High-Side Current Sense with a Low-Side Switch................. 13
 
High-Side Current Sense with a High-Side Switch ............... 13
 
Outline Dimensions ....................................................................... 14
 
Ordering Guide .......................................................................... 14
 
Automotive Products ................................................................. 14
 
REVISION HISTORY
10/11—Rev. A to Rev. B
Changes to Ordering Guide .......................................................... 14
Added Automotive Products Section .......................................... 14
9/08—Rev. 0 to Rev. A
Changes to Features Section............................................................ 1
Changes to Figure 7.......................................................................... 6
Changes to Figure 21........................................................................ 8
Changes to Table 4 and Figure 25................................................. 11
11/07—Revision 0: Initial Version


Numéro de pièce similaire - AD8216_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8216YRZ AD-AD8216YRZ Datasheet
429Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
AD8216YRZ-R7 AD-AD8216YRZ-R7 Datasheet
429Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
AD8216YRZ-RL AD-AD8216YRZ-RL Datasheet
429Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
More results

Description similaire - AD8216_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8216 AD-AD8216 Datasheet
429Kb / 16P
   High Bandwidth, Bidirectional 65 V Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
logo
Analog Devices
AD8207 AD-AD8207 Datasheet
441Kb / 16P
   Zero-Drift, High Voltage, Bidirectional Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
INA592 TI1-INA592 Datasheet
442Kb / 20P
[Old version datasheet]   High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA592 TI-INA592_V04 Datasheet
3Mb / 48P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
[Old version datasheet]   INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V03 Datasheet
3Mb / 45P
[Old version datasheet]   INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com