Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8210 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8210
Description  High Voltage, Bidirectional Current Shunt Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8210 Fiches technique(HTML) 1 Page - Analog Devices

  AD8210_15 Datasheet HTML 1Page - Analog Devices AD8210_15 Datasheet HTML 2Page - Analog Devices AD8210_15 Datasheet HTML 3Page - Analog Devices AD8210_15 Datasheet HTML 4Page - Analog Devices AD8210_15 Datasheet HTML 5Page - Analog Devices AD8210_15 Datasheet HTML 6Page - Analog Devices AD8210_15 Datasheet HTML 7Page - Analog Devices AD8210_15 Datasheet HTML 8Page - Analog Devices AD8210_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Voltage, Bidirectional
Current Shunt Monitor
Data Sheet
AD8210
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
±4000 V HBM ESD
High common-mode voltage range
−2 V to +65 V operating
−5 V to +68 V survival
Buffered output voltage
5 mA output drive capability
Wide operating temperature range: −40°C to +125°C
Ratiometric half-scale output offset
Excellent ac and dc performance
1 μV/°C typical offset drift
10 ppm/°C typical gain drift
120 dB typical CMRR at dc
80 dB typical CMRR at 100 kHz
Available in 8-lead SOIC
Qualified for automotive applications
APPLICATIONS
Current sensing
Motor controls
Transmission controls
Diesel injection controls
Engine management
Suspension controls
Vehicle dynamic controls
DC-to-dc converters
FUNCTIONAL BLOCK DIAGRAM
LOAD
AD8210
VOUT
G= +20
VSUPPLY
IS
RS
+IN
–IN
VS
V+
VREF1
VREF2
GND
Figure 1.
GENERAL DESCRIPTION
The AD8210 is a single-supply, difference amplifier ideal for
amplifying small differential voltages in the presence of large
common-mode voltages. The operating input common-mode
voltage range extends from −2 V to +65 V. The typical supply
voltage is 5 V.
The AD8210 is offered in a SOIC package. The operating
temperature range is −40°C to +125°C.
Excellent ac and dc performance over temperature keep errors
in the measurement loop to a minimum. Offset drift and gain
drift are guaranteed to a maximum of 8 μV/°C and 20 ppm/°C,
respectively.
The output offset can be adjusted from 0.05 V to 4.9 V with
a 5 V supply by using the VREF1 pin and the VREF2 pin. With the
VREF1 pin attached to the V+ pin and the VREF2 pin attached to
the GND pin, the output is set at half scale. Attaching both VREF1
and VREF2 to GND causes the output to be unipolar, starting
near ground. Attaching both VREF1 and VREF2 to V+ causes the
output to be unipolar, starting near V+. Other offsets can be
obtained by applying an external voltage to VREF1 and VREF2.


Numéro de pièce similaire - AD8210_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
   High Voltage, Bidirectional Current Shunt Monitor
More results

Description similaire - AD8210_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. A
AD8210YR-R7 AD-AD8210YR-R7 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
   High Voltage, Bidirectional Current Shunt Monitor
AD8210 AD-AD8210_06 Datasheet
354Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. 0
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170 Datasheet
209Kb / 10P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com