Moteur de recherche de fiches techniques de composants électroniques |
|
AD8206 Fiches technique(PDF) 5 Page - Analog Devices |
|
AD8206 Fiches technique(HTML) 5 Page - Analog Devices |
5 / 13 page Data Sheet AD8206 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating Supply Voltage 12.5 V Continuous Input Voltage −25 V to +75 V Input Transient Survival −30 V to +80 V Differential Input Survival −25 V to +75 V Reverse Supply Voltage 0.3 V Operating Temperature Range Y Grade and WY Grade −40°C to +125°C WH Grade −40°C to +150°C Storage Temperature Range −65°C to +150°C Output Short-Circuit Duration Indefinite Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the product. This is a stress rating only; functional operation of the product at these or any other conditions above those indicated in the operational section of this specification is not implied. Operation beyond the maximum operating conditions for extended periods may affect product reliability. ESD CAUTION Rev. C | Page 5 of 13 |
Numéro de pièce similaire - AD8206_15 |
|
Description similaire - AD8206_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |