Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8193 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8193
Description  Buffered 2:1 TMDS Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8193 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8193_15 Datasheet HTML 5Page - Analog Devices AD8193_15 Datasheet HTML 6Page - Analog Devices AD8193_15 Datasheet HTML 7Page - Analog Devices AD8193_15 Datasheet HTML 8Page - Analog Devices AD8193_15 Datasheet HTML 9Page - Analog Devices AD8193_15 Datasheet HTML 10Page - Analog Devices AD8193_15 Datasheet HTML 11Page - Analog Devices AD8193_15 Datasheet HTML 12Page - Analog Devices AD8193_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8193
Rev. 0 | Page 9 of 16
THEORY OF OPERATION
INTRODUCTION
The primary function of the AD8193 is to switch the high speed
signals from one of two (HDMI or DVI) single-link sources to
one output. Each source group consists of four differential, high
speed channels. The four high speed channels include a data-
word clock and three Transition Minimized Differential Signaling
(TMDS) data channels running at 10× the data-word clock
frequency for data rates up to 2.25 Gbps. All four high speed
channels of the AD8193 are identical; that is, the pixel clock can
be run on any of the four TMDS channels. The AD8193 does
not provide switching of the low speed DDC and CEC signals.
The AD8193 is a buffered TMDS switch with low added jitter;
the output pins are electrically isolated from the inputs. Because
the AD8193 is a TMDS-only switch, a complete HDMI switch
solution requires another component to switch the low speed
DDC channels. Several low cost CMOS switches can be used
along with the AD8193 to make an HDMI 1.3-compliant 2:1
link switch. The requirements for such a switch are as follows:
Low input capacitance. The HDMI 1.3 specification limits
the total DDC link capacitance for an HDMI sink to less
than 50 pF. This 50 pF limit includes the HDMI connector,
the PCB, the capacitance of the CMOS switch, and what-
ever capacitance is seen at the input of the HDMI receiver.
Low channel on resistance (RON). Switches with high on
resistance degrade the quality of the DDC signals.
An appropriate form factor to switch the DDC and HPD
signals as necessary.
A reference design that incorporates the AD8193 and a low cost
CMOS switch is described in more detail in the Evaluation
Board section.
In addition to the AD8193, Analog Devices, Inc., offers several
HDMI switches with integrated DDC, in a variety of form
factors.
INPUT CHANNELS
Each high speed input differential pair terminates to the
3.3 V VTTI power supply through a pair of single-ended 50 Ω
on-chip resistors, as shown in Figure 19. These matched on-
chip terminations absorb reflections on the input TMDS
channels, properly terminating the inputs and improving
overall system signal integrity.
The input termination resistors all have series switches, as
shown in Figure 19. The state of these switches is determined by
the S_SEL signal, which also controls the input selection. The
termination switches for the selected input channel are closed
(terminations present), whereas the termination switches for
the unselected input are open (high-Z inputs).
No specific cable length is suggested for use with the AD8193
because cable performance varies widely between manufactur-
ers. For a 24 AWG reference cable, the AD8193 can operate
with more than 20 m of input cable at data rates equivalent to
1080i, more than 10 meters at 1080p, and more than 6 meters at
1080p, 12-bit color.
Rx
50Ω
50Ω
IP_xx
IN_xx
AVEE
VTTI
Figure 19. High Speed Input Simplified Schematic


Numéro de pièce similaire - AD8193_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8193-EVALZ AD-AD8193-EVALZ Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193ACPZ AD-AD8193ACPZ Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193ACPZ-R7 AD-AD8193ACPZ-R7 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
More results

Description similaire - AD8193_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8193 AD-AD8193 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8194 AD-AD8194_17 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194ACPZ AD-AD8194ACPZ Datasheet
476Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
logo
Texas Instruments
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
   DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
logo
NXP Semiconductors
PCA9646 NXP-PCA9646 Datasheet
423Kb / 22P
   Buffered 4-channel 2-wire bus switch
Rev. 1-1 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com