Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8138 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8138
Description  Low Distortion Differential ADC Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8138 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8138_15 Datasheet HTML 5Page - Analog Devices AD8138_15 Datasheet HTML 6Page - Analog Devices AD8138_15 Datasheet HTML 7Page - Analog Devices AD8138_15 Datasheet HTML 8Page - Analog Devices AD8138_15 Datasheet HTML 9Page - Analog Devices AD8138_15 Datasheet HTML 10Page - Analog Devices AD8138_15 Datasheet HTML 11Page - Analog Devices AD8138_15 Datasheet HTML 12Page - Analog Devices AD8138_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD8138
Rev. F | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
–IN 1
VOCM 2
V+ 3
+OUT 4
+IN
8
NC
7
V–
6
–OUT
5
NC = NO CONNECT
AD8138
Figure 4. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN
Negative Input Summing Node.
2
VOCM
Voltage applied to this pin sets the common-mode output voltage with a ratio of 1:1. For example,
1 V dc on VOCM sets the dc bias level on +OUT and −OUT to 1 V.
3
V+
Positive Supply Voltage.
4
+OUT
Positive Output. Note that the voltage at −DIN is inverted at +OUT (see Figure 42).
5
−OUT
Negative Output. Note that the voltage at +DIN is inverted at −OUT (see Figure 42).
6
V−
Negative Supply Voltage.
7
NC
No Connect.
8
+IN
Positive Input Summing Node.


Numéro de pièce similaire - AD8138_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
More results

Description similaire - AD8138_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4960-1 AD-ADA4960-1 Datasheet
115Kb / 6P
   Low Distortion Ultrahigh Speed Differential ADC Driver
Rev. PrB
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
   Ultralow Distortion Differential ADC Driver
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com