Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8132 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8132
Description  Low Cost, High Speed Differential Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8132 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD8132_15 Datasheet HTML 4Page - Analog Devices AD8132_15 Datasheet HTML 5Page - Analog Devices AD8132_15 Datasheet HTML 6Page - Analog Devices AD8132_15 Datasheet HTML 7Page - Analog Devices AD8132_15 Datasheet HTML 8Page - Analog Devices AD8132_15 Datasheet HTML 9Page - Analog Devices AD8132_15 Datasheet HTML 10Page - Analog Devices AD8132_15 Datasheet HTML 11Page - Analog Devices AD8132_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AD8132
Rev. I | Page 7 of 32
VOCM TO ±OUT SPECIFICATIONS
At TA = 25°C, VS = 5 V, VOCM = 2.5 V, G = +1, RL,dm = 499 Ω, RF = RG = 348 Ω, unless otherwise noted. For G = +2, RL,dm = 200 Ω, RF = 1000 Ω,
RG = 499 Ω. Refer to Figure 56 and Figure 57 for test setup and label descriptions. All specifications refer to single-ended input and
differential outputs, unless otherwise noted.
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
ΔVOCM = 600 mV p-p
210
MHz
Slew Rate
ΔVOCM = 1.5 V to 3.5 V
340
V/μs
Input Voltage Noise (RTI)
f = 0.1 MHz to 100 MHz
12
nV/√Hz
DC PERFORMANCE
Input Voltage Range
1.0 to 3.7
V
Input Resistance
30
Input Offset Voltage
VOS, cm = VOUT, cm; VDIN+ = VDIN− = VOCM = 2.5 V
±5
±11
mV
AD8132W only, TMIN to TMAX
±13
mV
Input Bias Current
0.5
μA
VOCM CMRR
ΔVOUT, dm/ΔVOCM; ΔVOCM = 2.5 V ±1 V; resistors matched to 0.01%
−66
dB
Gain
ΔVOUT, cm/ΔVOCM; ΔVOCM = 2.5 V ±1 V
0.985
1
1.015
V/V
AD8132W only, TMIN to TMAX
0.985
1.015
V/V
POWER SUPPLY
Operating Range
2.7
11
V
Quiescent Current
VDIN+ = VDIN− = VOCM = 2.5 V
9.4
10.7
12
mA
AD8132W only, TMIN to TMAX
6
13
mA
TMIN to TMAX variation
10
μA/°C
Power Supply Rejection Ratio
ΔVOUT, dm/ΔVS; ΔVS = ±1 V
−70
−60
dB
AD8132W only, TMIN to TMAX
−60
dB
OPERATING TEMPERATURE RANGE
−40
+125
°C


Numéro de pièce similaire - AD8132_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
More results

Description similaire - AD8132_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131 AD-AD8131_15 Datasheet
479Kb / 21P
   Low Cost, High Speed Differential Driver
REV. B
AD8131 AD-AD8131 Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD518 AD-AD518 Datasheet
127Kb / 2P
   LOW-COST HIGH-SPEED, IC OPERATIONAL AMPLIFIER
REV. B
AD518 AD-AD518_15 Datasheet
1Mb / 4P
   LOW COST HIGH SPEED IC OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com