Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8131 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8131
Description  Low Cost, High Speed Differential Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8131 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8131_15 Datasheet HTML 6Page - Analog Devices AD8131_15 Datasheet HTML 7Page - Analog Devices AD8131_15 Datasheet HTML 8Page - Analog Devices AD8131_15 Datasheet HTML 9Page - Analog Devices AD8131_15 Datasheet HTML 10Page - Analog Devices AD8131_15 Datasheet HTML 11Page - Analog Devices AD8131_15 Datasheet HTML 12Page - Analog Devices AD8131_15 Datasheet HTML 13Page - Analog Devices AD8131_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD8131
Rev. B | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
AD8131
RL, dm = 200Ω
24.9
Ω
49.9
Ω
1500
Ω
1500
Ω
750
Ω
750
Ω
Figure 5. Basic Test Circuit
12
9
6
3
0
–3
1
10
100
1000
FREQUENCY (MHz)
VOUT = 200mV p-p
VS = ±5V
MSOP
SOIC
Figure 6. Small Signal Frequency Response
12
9
6
3
0
–3
1
10
100
1000
FREQUENCY (MHz)
VOUT = 200mV p-p
VS = +5V
VS = ±5V
Figure 7. Small Signal Frequency Response
12
9
6
3
0
–3
1
10
100
1000
FREQUENCY (MHz)
VOUT = 2V p-p
VS = ±5V
MSOP
SOIC
Figure 8. Large Signal Frequency Response
12
9
6
3
0
–3
1
10
100
1000
FREQUENCY (MHz)
VOUT = 2V p-p
VS = +5V
VS = ±5V
Figure 9. Large Signal Frequency Response
AD8131
24.9
Ω
49.9
Ω
1500
Ω
1500
Ω
750
Ω
750
Ω
LPF
300
Ω
300
Ω
HPF
ZIN = 50Ω
2:1 TRANSFORMER
Figure 10. Harmonic Distortion Test Circuit (RL, dm = 800 Ω)


Numéro de pièce similaire - AD8131_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8131-EVAL AD-AD8131-EVAL Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8131AR AD-AD8131AR Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8131AR AD-AD8131AR Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131AR-REEL AD-AD8131AR-REEL Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8131AR-REEL AD-AD8131AR-REEL Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
More results

Description similaire - AD8131_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131 AD-AD8131 Datasheet
197Kb / 12P
   Low-Cost, High-Speed Differential Driver
REV. 0
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com