Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8115 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8115
Description  Low Cost 225 MHz
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8115 Fiches technique(HTML) 3 Page - Analog Devices

  AD8115_15 Datasheet HTML 1Page - Analog Devices AD8115_15 Datasheet HTML 2Page - Analog Devices AD8115_15 Datasheet HTML 3Page - Analog Devices AD8115_15 Datasheet HTML 4Page - Analog Devices AD8115_15 Datasheet HTML 5Page - Analog Devices AD8115_15 Datasheet HTML 6Page - Analog Devices AD8115_15 Datasheet HTML 7Page - Analog Devices AD8115_15 Datasheet HTML 8Page - Analog Devices AD8115_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AD8114/AD8115
Rev. B | Page 2 of 32
TABLE OF CONTENTS
AD8114/AD8115
—Specifications ................................................. 3
Timing Characteristics (Serial) .................................................. 5
Timing Characteristics (Parallel) ............................................... 6
Absolute Maximum Ratings............................................................ 8
Maximum Power Dissipation ..................................................... 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 11
I/O Schematics ................................................................................ 17
Theory of Operation ...................................................................... 18
Applications................................................................................. 18
Power-On Reset.......................................................................... 19
Gain Selection............................................................................. 19
Creating Larger Crosspoint Arrays.......................................... 20
Multichannel Video ................................................................... 21
Crosstalk ...................................................................................... 22
PCB Layout...................................................................................... 25
Evaluation Board ............................................................................ 29
Control the Evaluation Board from a PC................................ 30
Overshoot of PC Printer Ports’ Data Lines............................. 30
Outline Dimensions ....................................................................... 31
Ordering Guide .......................................................................... 31
REVISION HISTORY
9/05
—Rev. A to Rev. B
Updated Format.................................................................. Universal
Change to Figure 3 ............................................................................6
Change to Absolute Maximum Ratings..........................................8
Changes to Maximum Power Dissipation Section........................8
Updated Outline Dimensions ........................................................31
Changes to Ordering Guide ...........................................................31
11/01
—Rev. 0 to Rev. A
Edits to ORDERING GUIDE...........................................................5
Comments added to Outline Dimensions ...................................26
Revision 0: Initial Version


Numéro de pièce similaire - AD8115_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8115-EB AD-AD8115-EB Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8115-EVAL AD-AD8115-EVAL Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
AD8115AST AD-AD8115AST Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8115AST AD-AD8115AST Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
AD8115ASTZ AD-AD8115ASTZ Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
More results

Description similaire - AD8115_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8114 AD-AD8114_15 Datasheet
1Mb / 33P
   Low Cost 225 MHz
REV. B
AD8114 AD-AD8114 Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8114 AD-AD8114_05 Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
logo
National Semiconductor ...
DS8627 NSC-DS8627 Datasheet
92Kb / 4P
   130/225 MHz Low Power Prescalers
logo
Mini-Circuits
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
   Low Pass Filter DC to 225 MHz
logo
RF Monolithics, Inc
SF2244A RFM-SF2244A Datasheet
320Kb / 5P
   225 MHz SAW Filter
logo
TriQuint Semiconductor
855844 TRIQUINT-855844_15 Datasheet
475Kb / 5P
   225 MHz SAW Filter
logo
KR Electronics, Inc.
2893 KR-2893 Datasheet
42Kb / 2P
   225 MHz Center Frequency
logo
Murata Manufacturing Co...
SF2244A MURATA-SF2244A Datasheet
320Kb / 5P
   225 MHz SAW Filter
logo
TriQuint Semiconductor
855844 TRIQUINT-855844 Datasheet
511Kb / 5P
   225 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com